Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 26Page - Texas Instruments TMP451 Datasheet HTML 27Page - Texas Instruments TMP451 Datasheet HTML 28Page - Texas Instruments TMP451 Datasheet HTML 29Page - Texas Instruments TMP451 Datasheet HTML 30Page - Texas Instruments TMP451 Datasheet HTML 31Page - Texas Instruments TMP451 Datasheet HTML 32Page - Texas Instruments TMP451 Datasheet HTML 33Page - Texas Instruments TMP451 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
T
=
ERR
h
1.008
-
1.008
(273.15+T( C))
°
´
DXP
DXN
SCL
SDA
THERM
GND
V+
ALERT / THERM2
Processor or
ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
TMP451
1.7V to 3.6V
1.7V to 3.6V
Built-in Thermal
Transistor/Diode
Overtemperature Shutdown
TMP451
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
Typical Application (continued)
Figure 42. TMP451 Basic Connections Using a Processor Built-In Remote Transistor
8.2.1 Design Requirements
The TMP451 device is designed to be used with either discrete transistors or substrate transistors built into
processor chips and ASICs. Either NPN or PNP transistors can be used, as long as the base-emitter junction is
used as the remote temperature sense. NPN transistors must be diode-connected. PNP transistors can either be
transistor- or diode-connected (see Figure 41).
Errors in remote temperature sensor readings are typically the consequence of the ideality factor and current
excitation used by the TMP451 device versus the manufacturer-specified operating current for a given transistor.
Some manufacturers specify a high-level and low-level current for the temperature-sensing substrate transistors.
The TMP451 device uses 7.5
μA for ILOW and 120 μA for IHIGH.
The ideality factor (
η) is a measured characteristic of a remote temperature sensor diode as compared to an
ideal diode. The TMP451 allows for different
η-factor values; see the η-Factor Correction Register section.
The ideality factor for the TMP451 device is trimmed to be 1.008. For transistors that have an ideality factor that
does not match the TMP451, Equation 4 can be used to calculate the temperature error.
NOTE
For the equation to be used correctly, actual temperature (°C) must be converted to Kelvin
(K).
where
•
TERR = error in the TMP451 device because η ≠ 1.008
•
η = ideality factor of remote temperature sensor
•
T(°C) = actual temperature
•
Degree delta is the same for °C and K.
(4)
30
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com