Electronic Components Datasheet Search
  English  ▼

X  

TMP442B Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP442B
Description  ±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP442B Datasheet HTML 3Page - Texas Instruments TMP442B Datasheet HTML 4Page - Texas Instruments TMP442B Datasheet HTML 5Page - Texas Instruments TMP442B Datasheet HTML 6Page - Texas Instruments TMP442B Datasheet HTML 7Page - Texas Instruments TMP442B Datasheet HTML 8Page - Texas Instruments TMP442B Datasheet HTML 9Page - Texas Instruments TMP442B Datasheet HTML 10Page - Texas Instruments TMP442B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
-
-
-
-
-
0
100
200
300
400
500
R ( )
W
S
3
2
1
0
1
2
3
-
-
-
0
100
200
300
400
500
600
700
800
900
1k
R ( )
W
S
Diode-ConnectedTransistor,2N3906(PNP)
(2)
GNDCollector-ConnectedTransistor,2N3906(PNP)
(1)(2)
NOTES(1):Temperatureoffsetistheresultof
-factorbeingautomaticallysetto1.000.
Approximate -factorof2N3906is1.008.
h
h
SeeFigure10forschematicconfiguration.
(2)
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
-
-
-
-
-
-
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Capacitance(nF)
Low-BetaTransistor(Disabled)
Low-BetaTransistor
(Auto)
GNDCollector-ConnectedTransistor(Disabled)
GNDCollector-ConnectedTransistor(Auto)
Diode-ConnectedTransistor(Auto,Disabled)
NOTE:SeeFigure11forschematicconfiguration.
(b) Diode-ConnectedTransistor
(a) GNDCollector-ConnectedTransistor
DXP
DXN
C
DIFF
(1)
DXP
DXN
C
DIFF
(1)
(b) Diode-ConnectedTransistor
(a) GNDCollector-ConnectedTransistor
DXP
DXN
R
S
(1)
R
S
(1)
DXP
DXN
R
S
(1)
R
S
(1)
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VS = +3.3V, unless otherwise noted.
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
(Low-Beta Transistor)
Figure 7.
Figure 8.
REMOTE TEMPERATURE ERROR
vs DIFFERENTIAL CAPACITANCE
Figure 9.
SERIES RESISTANCE CONFIGURATION
DIFFERENTIAL CAPACITANCE CONFIGURATION
(1)
RS should be less than 1kΩ; see Filtering
(1)
CDIFF should be less than 300pF; see Filtering
section.
section.
Figure 10.
Figure 11.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com