Electronic Components Datasheet Search
  English  ▼

X  

TMP442B Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP442B
Description  ±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP442B Datasheet HTML 7Page - Texas Instruments TMP442B Datasheet HTML 8Page - Texas Instruments TMP442B Datasheet HTML 9Page - Texas Instruments TMP442B Datasheet HTML 10Page - Texas Instruments TMP442B Datasheet HTML 11Page - Texas Instruments TMP442B Datasheet HTML 12Page - Texas Instruments TMP442B Datasheet HTML 13Page - Texas Instruments TMP442B Datasheet HTML 14Page - Texas Instruments TMP442B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
REGISTER INFORMATION
POINTER REGISTER
One-ShotStartRegister
ConfigurationRegisters
StatusRegister
IdentificationRegisters
h
-FactorCorrectionRegisters
ConversionRateRegister
LocalandRemoteTemperatureRegisters
SDA
SCL
PointerRegister
I/O
Control
Interface
SoftwareReset
b
-CompensationRegister
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
The TMP441/42 contain multiple registers for holding
configuration information, temperature measurement
results, and status information. These registers are
described in Figure 14 and Table 3.
Figure 14 shows the internal register structure of the
TMP441/42. The 8-bit Pointer Register is used to
address a given data register. The Pointer Register
identifies which of the data registers should respond
to a read or write command on the Two-Wire bus.
This register is set with every write command. A write
command must be issued to set the proper value in
the
Pointer
Register
before
executing
a
read
command. Table 3 describes the pointer address of
Figure 14. Internal Register Structure
the TMP441/42 registers. The power-on reset (POR)
value of the Pointer Register is 00h (0000 0000b).
Table 3. Register Map
BIT DESCRIPTION
POINTER
POR
(HEX)
(HEX)
7
6
5
4
3
2
1
0
REGISTER DESCRIPTION
00
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
Local Temperature (High Byte)(1)
01
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature 1 (High Byte)(1)
02
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature 2 (High Byte)(1)(2)
08
BUSY
0
0
0
0
0
0
0
Status Register
09
00
0
SD
0
0
0
RANGE
0
0
Configuration Register 1
0A
1C/3C(2)
0
0
REN2(2)
REN
LEN
RC
0
0
Configuration Register 2
0B
07
0
0
0
0
0
R2
R1
R0
Conversion Rate Register
0C
08/88(2)
BC23(2)
BC22(2)
BC21(2)
BC20(2)
BC13
BC12
BC11
BC10
Beta Compensation
0F
X
X
X
X
X
X
X
X
One-Shot Start(3)
10
00
LT3
LT2
LT1
LT0
0
0
nPVLD
0
Local Temperature (Low Byte)
11
00
RT3
RT2
RT1
RT0
0
0
nPVLD
OPEN
Remote Temperature 1 (Low Byte)
12
00
RT3
RT2
RT1
RT0
0
0
nPVLD
OPEN
Remote Temperature 2 (Low Byte)(2)
21
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
η Correction 1
22
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
η Correction 2(2)
FC
X
X
X
X
X
X
X
X
Software Reset(4)
FE
55
0
1
0
1
0
1
0
1
Manufacturer ID
41
0
1
0
0
0
0
0
1
TMP441 Device ID
FF
42
0
1
0
0
0
0
1
0
TMP442 Device ID
(1)
Compatible with Two-Byte Read; see Figure 18.
(2)
TMP442 only.
(3)
X = undefined. Writing any value to this register initiates a one-shot start; see the One-Shot Conversion section.
(4)
X = undefined. Writing any value to this register initiates a software reset; see the Software Reset section.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com