Electronic Components Datasheet Search
  English  ▼

X  

TLV2470CDBVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2470CDBVT
Description  FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2470CDBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLV2470CDBVT Datasheet HTML 27Page - Texas Instruments TLV2470CDBVT Datasheet HTML 28Page - Texas Instruments TLV2470CDBVT Datasheet HTML 29Page - Texas Instruments TLV2470CDBVT Datasheet HTML 30Page - Texas Instruments TLV2470CDBVT Datasheet HTML 31Page - Texas Instruments TLV2470CDBVT Datasheet HTML 32Page - Texas Instruments TLV2470CDBVT Datasheet HTML 33Page - Texas Instruments TLV2470CDBVT Datasheet HTML 34Page - Texas Instruments TLV2470CDBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV2473AIDR
D
14
SITE 60
330
16
6.5
9.0
2.1
8
16
Q1
TLV2473CDGQR
DGQ
10
SITE 35
330
12
5.3
3.4
1.4
8
12
Q1
TLV2473CDR
D
14
SITE 60
330
16
6.5
9.0
2.1
8
16
Q1
TLV2473IDGQR
DGQ
10
SITE 35
330
12
5.3
3.4
1.4
8
12
Q1
TLV2474AIDR
D
14
SITE 60
330
16
6.5
9.0
2.1
8
16
Q1
TLV2474AIPWPR
PWP
14
SITE 60
330
12
6.67
5.4
1.6
8
12
Q1
TLV2474AIPWR
PW
14
SITE 41
330
12
7.0
5.6
1.6
8
12
Q1
TLV2474CDR
D
14
SITE 60
330
16
6.5
9.0
2.1
8
16
Q1
TLV2474CPWPR
PWP
14
SITE 60
330
12
6.67
5.4
1.6
8
12
Q1
TLV2474IDR
D
14
SITE 60
330
16
6.5
9.0
2.1
8
16
Q1
TLV2474IPWPR
PWP
14
SITE 60
330
12
6.67
5.4
1.6
8
12
Q1
TLV2475AIDR
D
16
SITE 60
330
16
6.5
10.3
2.1
8
16
Q1
TLV2475AIPWPR
PWP
16
SITE 60
330
12
6.67
5.4
1.6
8
12
Q1
TLV2475CDR
D
16
SITE 60
330
16
6.5
10.3
2.1
8
16
Q1
TLV2475CPWPR
PWP
16
SITE 60
330
12
6.67
5.4
1.6
8
12
Q1
TLV2475IDR
D
16
SITE 60
330
16
6.5
10.3
2.1
8
16
Q1
TLV2475IPWPR
PWP
16
SITE 60
330
12
6.67
5.4
1.6
8
12
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Oct-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com