Electronic Components Datasheet Search
  English  ▼

X  

TLV2470CDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2470CDBVT
Description  FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2470CDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2470CDBVT Datasheet HTML 8Page - Texas Instruments TLV2470CDBVT Datasheet HTML 9Page - Texas Instruments TLV2470CDBVT Datasheet HTML 10Page - Texas Instruments TLV2470CDBVT Datasheet HTML 11Page - Texas Instruments TLV2470CDBVT Datasheet HTML 12Page - Texas Instruments TLV2470CDBVT Datasheet HTML 13Page - Texas Instruments TLV2470CDBVT Datasheet HTML 14Page - Texas Instruments TLV2470CDBVT Datasheet HTML 15Page - Texas Instruments TLV2470CDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
CL − Load Capacitance − pF
100
1k
10k
100k
VDD = 3V
RL = 10kΩ
TA = +25°C
See Figure 42
RNULL = 100
RNULL = 50
RNULL = 20
RNULL = 0
0
10
20
30
40
50
60
70
80
90
100
CL − Load Capacitance − pF
100
1k
10k
100k
VDD = 5V
RL = 10kΩ
TA = +25°C
See Figure 42
RNULL = 100
RNULL = 50
RNULL = 0
RNULL = 20
RNULL = 100
RNULL = 0
VDD = 3V
RL = 10kΩ
TA = +25°C
RNULL = 20
RNULL = 50
CL − Load Capacitance − pF
100
1k
10k
100k
15
20
30
25
5
10
0
CL − Load Capacitance − pF
100
1k
10k
100k
15
20
30
25
5
10
0
VDD = 5V
RL = 10kΩ
TA = +25°C
RNULL = 0
RNULL = 50
RNULL = 20
RNULL = 100
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
CL = 11pF
f = 10kHz
TA = +25°C
RL = 10kΩ
VDD − Supply Voltage − V
RL = 600Ω
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VO(PP) = 1.5V
AV = −1
RL = 10kΩ
CL = 150pF
SR−
VDD − Supply Voltage − V
SR+
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
−55 −35 −15
5
25
45
65
85 105 125
VDD = 3V
RL = 10kΩ
CL = 150pF
AV = −1
SR−
TA − Free-Air Temperature − °C
SR+
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
−55 −35 −15
5
25
45
65
85 105 125
VDD = 5V
RL = 10kΩ
CL = 150pF
AV = −1
SR−
TA − Free-Air Temperature − °C
SR+
TLV2470,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232E – JUNE 1999 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
PHASE MARGIN
PHASE MARGIN
GAIN MARGIN
vs
vs
vs
LOAD CAPACITANCE
LOAD CAPACITANCE
LOAD CAPACITANCE
Figure 18.
Figure 19.
Figure 20.
GAIN MARGIN
GAIN-BANDWIDTH PRODUCT
SLEW RATE
vs
vs
vs
LOAD CAPACITANCE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 21.
Figure 22.
Figure 23.
SLEW RATE
SLEW RATE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 24.
Figure 25.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com