Electronic Components Datasheet Search
  English  ▼

X  

4062 Datasheet(PDF) 4 Page - Adafruit Industries

Part # 4062
Description  Adafruit Feather nRF52840 Express
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4062 Datasheet(HTML) 4 Page - Adafruit Industries

  4062 Datasheet HTML 1Page - Adafruit Industries 4062 Datasheet HTML 2Page - Adafruit Industries 4062 Datasheet HTML 3Page - Adafruit Industries 4062 Datasheet HTML 4Page - Adafruit Industries 4062 Datasheet HTML 5Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
people, they'll be very happy to use the standard Nordic UART RX/TX connection
profile - code is provided! In this profile, the Bluefruit acts as a data pipe, that
can 'transparently' transmit back and forth from your iOS or Android device. You
can use our iOS App or Android App, or write your own to communicate with the
UART service.
The board is capable of much more than just sending strings over the
air! Thanks to an Arduino wrapper library, you have full control over how the
device behaves, including the ability to define and manipulate your own GATT
Services and Characteristics, or change the way that the device advertises itself
for other Bluetooth Low Energy devices to see.
Use the Bluefruit App to get your project started
Using our Bluefruit iOS App or Android App, you can quickly get your project
prototyped by using your iOS or Android phone/tablet as a controller. We have
a color picker, quaternion/accelerometer/gyro/magnetometer or location (GPS),
and an 8-button control game pad. This data can be read over BLE and
processed directly by the nRF52 microcontroller
Comes fully assembled and tested, with a USB bootloader that lets you quickly
use it with the Arduino IDE or to install CircuitPython. We also toss in some
header so you can solder it in and plug into a solderless breadboard. Lipoly
battery and MicroUSB cable not included (but we do have lots of options in the
shop if you'd like!)
TECHNICAL DETAILS
Dimensions (unassembled): 51mm x 23mm x 7.2mm / 2" x 0.9" x 0.28"
Weight: 6g
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com