Electronic Components Datasheet Search
  English  ▼

X  

4062 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4062
Description  Adafruit Feather nRF52840 Express
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4062 Datasheet(HTML) 2 Page - Adafruit Industries

  4062 Datasheet HTML 1Page - Adafruit Industries 4062 Datasheet HTML 2Page - Adafruit Industries 4062 Datasheet HTML 3Page - Adafruit Industries 4062 Datasheet HTML 4Page - Adafruit Industries 4062 Datasheet HTML 5Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
We've also chosen this chip for our first BLE-friendly CircuitPython board!
CircuitPython works best with disk drive access, and this is the only BLE-plus-
USB-native chip that has the memory to handle running a the little Python
interpreter. The massive RAM and speedy Cortex M4F chip makes this a good
match.
Please note at this time we only have BLE stack support in Arduino.
CircuitPython BLE stack support is still a work-in-progress!
It's got tons of awesome peripherals: plenty of GPIO, analog inputs, PWM,
timers, etc. Best of all, it's got that native USB! Finally, no need for a separate
USB serial chip like CP2104 or FT232. Serial is handled as a USB CDC descriptor,
and the chip can act like a keyboard, mouse, MIDI device or even disk drive.
(Note that we don't have support for anything but CDC for Arduino at this time)
Some other upgrades we've tossed in are an extra 'USER' switch that could be
used to trigger OTA updates (or whatever you choose), a NeoPixel LED for status
updates, 2 MB of QSPI Flash for storing CircuitPython files, and a SWD
connector.
We have quite a few BTLE-capable Feathers (it's a popular protocol!) so check
out our BT Feather guide for some comparison information.
We pre-programed the chip with our UF2 bootloader, which can use either
commandline UART programming with nrfutil (we use this for Arduino) or drag-
n-drop mass storage, for CircuitPython installation and also because mass-
storage-drive bootloaders make updating firmware so easy. Want to program
the chip directly? You can use our command line tools with your favorite editor
and toolchain. If you want to use an SWD programmer/debugger (for even more
advanced usage), we have a standard 2x5 0.05" connector.
Best of all, we've done all the heavy lifting of getting the low level BLE stack into
shape so you can focus on your project from day one! The example code works
great with our existing iOS and Android app.
Features:
ARM Cortex M4F (with HW floating point acceleration) running at 64MHz
1MB flash and 256KB SRAM
Native Open Source USB stack - pre-programmed with UF2 bootloader



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com