Electronic Components Datasheet Search
  English  ▼

X  

4332 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 4332
Description  Fomu - ICE40 FPGA Development Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4332 Datasheet(HTML) 3 Page - Adafruit Industries

  4332 Datasheet HTML 1Page - Adafruit Industries 4332 Datasheet HTML 2Page - Adafruit Industries 4332 Datasheet HTML 3Page - Adafruit Industries 4332 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
In fact, the “CPU” in the FPGA is created from a hardware description language,
meaning it can be modified or swapped out. If you wanted, you could create a
brand-new CPU instruction. Do you want to have fast 64-bit multiplies? Or
maybe you want a way to get random numbers easily? With Fomu and its FPGA,
you have the source code to the CPU itself.
Comes with one fully assembled Fomu.
TECHNICAL DETAILS
Features & Specifications
FPGA: Lattice ICE40UP5K (link to datasheet and reference manual
directory)
Speed: 48 MHz external oscillator
RAM: 128 kB RAM for a soft CPU¹
Storage: 1 MB SPI flash²
Connectivity: USB 2.0 FS (12 Mbps)
Buttons: Four³
LEDs: One RGB
GitHub repository
Fomu page
¹: The FPGA has 1024 kilo-bits of memory available. A separate block of
memory is used for things like the processor register file, in addition to
temporary memory for things like USB buffers. The CPU can use 64 or 128
kilobytes of memory, depending on configuration. ²: This is the minimum
configuration amount — more may be available in the final version.
³: Fomu has four copper pads near the edge. Capacitive touch solutions have not
yet been validated.
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com