Electronic Components Datasheet Search
  English  ▼

X  

4332 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4332
Description  Fomu - ICE40 FPGA Development Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4332 Datasheet(HTML) 1 Page - Adafruit Industries

  4332 Datasheet HTML 1Page - Adafruit Industries 4332 Datasheet HTML 2Page - Adafruit Industries 4332 Datasheet HTML 3Page - Adafruit Industries 4332 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
 
 
Fomu - ICE40 FPGA Development Board
PRODUCT ID: 4332
DESCRIPTION 
Only 13mm long, Fomu really puts the
micro in microprocessor. Fomu is a fully
open-source, programmable FPGA device that sits inside a USB Type-A port. It
has four buttons, an RGB LED, and an FPGA that is compatible with a fully open
source chain and capable of running a RISC-V core. Fomu comes in a custom
plastic enclosure that slots perfectly into a USB port.
Fomu:
has Python
With 128 kilobytes of RAM and a large amount of storage, Fomu is
powerful enough to run Python natively. And since it lives in your
USB port, installation is super simple. FPGAs are complicated, but
the latest Python tools make it easy to use Fomu without any
specialized training.


Similar Part No. - 4332

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4332 VCC-4332 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 (3mm) LEDs
logo
Heyco.
4332 HEYCO-4332 Datasheet
157Kb / 1P
Unscrewing Snap Rivets
logo
Keystone Electronics Co...
4332 KEYSTONE-4332 Datasheet
503Kb / 1P
THREADED MOUNTING BRACKETS
31-07 20th
logo
Renesas Technology Corp
4332-Z RENESAS-4332-Z Datasheet
458Kb / 7P
SILICON POWER TRANSISTOR
2002
logo
Extech Instruments Corp...
433201 EXTECH-433201 Datasheet
155Kb / 1P
Microprocessor Calibrator Thermometer
More results

Similar Description - 4332

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S180 ALTERA-EP2S180 Datasheet
547Kb / 58P
DSP Development Board
logo
Advantech Co., Ltd.
SOM-DB4400 ADVANTECH-SOM-DB4400 Datasheet
323Kb / 1P
ETX Development Board SOM-144 Development Board
logo
ATMEL Corporation
ATSAM4S-EK ATMEL-ATSAM4S-EK Datasheet
2Mb / 49P
Development Board
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
iCE40??HX-Series Ultra Low-Power FPGA Family
logo
IXYS Corporation
DVRFD615X2 IXYS-DVRFD615X2 Datasheet
794Kb / 4P
Development Board
logo
Intel Corporation
DE2I-150 INTEL-DE2I-150 Datasheet
919Kb / 22P
DE2i-150 FPGA Development Kit
DK-DEV-10M50-A INTEL-DK-DEV-10M50-A Datasheet
2Mb / 67P
MAX 10 FPGA Development Kit User Guide
2017.09.07
logo
SparkFun Electronics
DEV-11953 SPARKFUN-DEV-11953 Datasheet
109Kb / 2P
Mojo v3 FPGA Development Board
11/10/2015
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
DEV-16527 SPARKFUN-DEV-16527 Datasheet
210Kb / 2P
Alchitry Au FPGA Development Board (Xilinx Artix 7)
9????0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com