Electronic Components Datasheet Search
  English  ▼

X  

0830413 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830413
Description  WMTB HF (40X12)R CUS - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830413 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830413 Datasheet HTML 1Page - PHOENIX CONTACT 0830413 Datasheet HTML 2Page - PHOENIX CONTACT 0830413 Datasheet HTML 3Page - PHOENIX CONTACT 0830413 Datasheet HTML 4Page - PHOENIX CONTACT 0830413 Datasheet HTML 5Page - PHOENIX CONTACT 0830413 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, can be ordered: by line, white, labeled according to customer specifications,
mounting type: Assembly with cable ties, cable diameter: ≥ 6 mm, text field height: 12 mm, text
field width: 40 mm
Your advantages
The WMTB HF ... conductor and cable marking is used for the identification and bundling conductors and cables indoors and outdoors
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The markers are made of a halogen-free material
•
The highly flexible material adapts to the conductors and cables
•
The marker has two fastening eyes so that it can be attached to the conductor by means of WT .... cable binders
•
Commercial data
Item number
0830413
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8131
GTIN
4046356716079
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
WMTB HF (40X12)R CUS - Cable marker
0830413
https://www.phoenixcontact.com/us/products/0830413
Jul 23, 2025, 12:24AM
Page 1 (6)


Similar Part No. - 0830413

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830410 PHOENIX-0830410 Datasheet
189Kb / 6P
WMTB HF (55X15)R YE - Cable marker
logo
Molex Electronics Ltd.
0830410005 MOLEX9-0830410005 Datasheet
102Kb / 2P
Jackpost for Commercial Micro-D PCB Mount Plugs, 2-56 UNC-2B Internal Thread
logo
PHOENIX CONTACT
0830411 PHOENIX-0830411 Datasheet
186Kb / 6P
WMTB HF (55X25)R - Cable marker
0830412 PHOENIX-0830412 Datasheet
189Kb / 6P
WMTB HF (55X25)R YE - Cable marker
0830414 PHOENIX-0830414 Datasheet
188Kb / 6P
WMTB HF (40X12)R YE CUS - Cable marker
More results

Similar Description - 0830413

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824488 PHOENIX-0824488 Datasheet
58Kb / 4P
Marker for terminal blocks - TMT 6 R CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com