Electronic Components Datasheet Search
  English  ▼

X  

0830413 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830413
Description  WMTB HF (40X12)R CUS - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830413 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830413 Datasheet HTML 1Page - PHOENIX CONTACT 0830413 Datasheet HTML 2Page - PHOENIX CONTACT 0830413 Datasheet HTML 3Page - PHOENIX CONTACT 0830413 Datasheet HTML 4Page - PHOENIX CONTACT 0830413 Datasheet HTML 5Page - PHOENIX CONTACT 0830413 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Labeled conductor marker
Type
Roll
Marking
Number of individual labels per row
1
Mounting
Mounting type
Assembly with cable ties
Material specifications
RoHS compliant
yes
Color
white (RAL 9010)
Material
PUR
Flammability rating according to UL 94
V2 (0,75 mm Wandstärke)
Components
halogen-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Temperature resistance
Specification
ANSI/UL 969-2018:03 (following)
Test duration
240 h
Rating 100 °C (121 °C)
Test passed
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
WMTB HF (40X12)R CUS - Cable marker
0830413
https://www.phoenixcontact.com/us/products/0830413
Jul 23, 2025, 12:24AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com