Electronic Components Datasheet Search
  English  ▼

X  

0830699 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830699
Description  WML 3 (13X10)A4 CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830699 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830699 Datasheet HTML 1Page - PHOENIX CONTACT 0830699 Datasheet HTML 2Page - PHOENIX CONTACT 0830699 Datasheet HTML 3Page - PHOENIX CONTACT 0830699 Datasheet HTML 4Page - PHOENIX CONTACT 0830699 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Sheet, can be ordered: in sheets, white, labeled according to customer
specifications, cable diameter range: 3 ... 3 mm, mounting type: adhesive, cable diameter: ≤ 3
mm, Number of individual labels: 156, text field height: 10 mm, text field width: 13 mm
Your advantages
For indoor applications: high resistance to dirt and abrasion due to the protective laminate
•
Firmly defined positioning of labels thanks to the adhesive system
•
Broad diameter range with many different applications inside and outside the control cabinet
•
The protective foil is wound over the labeling and provides permanent protection against dirt and abrasion
•
The wrap-around labels do not create any additional volume, so the cable can also be pulled through cable ducts, for example
•
For cylindrical objects, single wires, and cables
•
Commercial data
Item number
0830699
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8134
GTIN
4046356718837
Weight per piece (including packing)
99.99 g
Weight per piece (excluding packing)
99.99 g
Country of origin
PL
WML 3 (13X10)A4 CUS - Cable marker
0830699
https://www.phoenixcontact.com/us/products/0830699
Jul 22, 2025, 4:16AM
Page 1 (5)


Similar Part No. - 0830699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830690 PHOENIX-0830690 Datasheet
188Kb / 5P
WML 5 (25X10)A4 YE - Cable marker label
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
0830692 PHOENIX-0830692 Datasheet
186Kb / 5P
WML 7,5 (25X13)A4 YE - Cable marker label
0830693 PHOENIX-0830693 Datasheet
181Kb / 5P
WML 14 (25X19)A4 - Cable marker label
0830694 PHOENIX-0830694 Datasheet
185Kb / 5P
WML 14 (25X19)A4 YE - Cable marker label
More results

Similar Description - 0830699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0824965 PHOENIX-0824965 Datasheet
56Kb / 3P
Zack marker strip - ZB 5,8 CUS
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
0828490 PHOENIX-0828490 Datasheet
56Kb / 2P
Marker cards - SBS 8 CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com