Electronic Components Datasheet Search
  English  ▼

X  

0830699 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830699
Description  WML 3 (13X10)A4 CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830699 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830699 Datasheet HTML 1Page - PHOENIX CONTACT 0830699 Datasheet HTML 2Page - PHOENIX CONTACT 0830699 Datasheet HTML 3Page - PHOENIX CONTACT 0830699 Datasheet HTML 4Page - PHOENIX CONTACT 0830699 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled conductor marker
Type
Label
Marking
Number of individual labels
156
Number of individual labels per row
12
Identification technology
Office laser printing
Mounting
Mounting type
adhesive
Material specifications
RoHS compliant
yes
Adhesive
Acrylic
Color
white (RAL 9010)
Material
Polyester
Components
Free from halogen and cadmium
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (storage/transport)
23 °C
Permissible humidity (storage/transport)
50 %
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in
the original packaging is recommended.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
2 years
Dimensions
Width
13 mm
Length
19 mm
External dimensions
WML 3 (13X10)A4 CUS - Cable marker
0830699
https://www.phoenixcontact.com/us/products/0830699
Jul 22, 2025, 4:16AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com