Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596N Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC6C596N
Description  TPIC6C596 Power Logic 8-Bit Shift Register
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6C596N Datasheet(HTML) 4 Page - Texas Instruments

  TPIC6C596N Datasheet HTML 1Page - Texas Instruments TPIC6C596N Datasheet HTML 2Page - Texas Instruments TPIC6C596N Datasheet HTML 3Page - Texas Instruments TPIC6C596N Datasheet HTML 4Page - Texas Instruments TPIC6C596N Datasheet HTML 5Page - Texas Instruments TPIC6C596N Datasheet HTML 6Page - Texas Instruments TPIC6C596N Datasheet HTML 7Page - Texas Instruments TPIC6C596N Datasheet HTML 8Page - Texas Instruments TPIC6C596N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPIC6C596
SLIS093D – MARCH 2000 – REVISED MARCH 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Logic supply voltage(2)
–0.3
7
V
VI
Logic input voltage
–0.3
7
V
VDS
Power DMOS drain-to-source voltage(3)
–0.3
33
V
Continuous source-to-drain diode anode current
250
mA
Pulsed source-to-drain diode anode current(4)
500
mA
ID
Pulsed drain current, each output, all outputs on, TC = 25°C
(4)
250
mA
ID
Continuous drain current, each output, all outputs on, TC = 25°C
(4)
100
mA
IDM
Peak drain current single output, TC = 25°C
(4)
250
mA
EAS
Single-pulse avalanche energy (see Figure 11)
30
mJ
IAS
Avalanche current(5)
200
mA
Continuous total dissipation
See Thermal Information
TC
Operating case temperature
–40
125
°C
TJ
Operating virtual junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Each power DMOS source is internally connected to GND.
(4)
Pulse duration
≤ 100 μs and duty cycle ≤ 2%.
(5)
DRAIN supply voltage = 15 V, starting junction temperature (TJS) = 25°C, L = 1.5 H, IAS = 200 mA (see Figure 11).
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Logic supply voltage
4.5
5.5
V
VIH
High-level input voltage
0.85 VCC
V
VIL
Low-level input voltage
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V, all outputs on
(1) (2)(see Figure 7)
250
mA
tsu
Setup time, SER IN high before SRCKM
↑ (see Figure 9)
15
ns
th
Hold time, SER IN high after SRCKM
↑, (see Figure 9)
15
ns
tw
Pulse duration (see Figure 9)
40
ns
TC
Operating case temperature
–40
125
°C
(1)
Pulse duration
≤ 100 μs and duty cycle ≤ 2%.
(2)
Technique should limit TJ − TC to 10°C maximum.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPIC6C596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com