Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596N Datasheet(PDF) 13 Page - Texas Instruments

Part # TPIC6C596N
Description  TPIC6C596 Power Logic 8-Bit Shift Register
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6C596N Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC6C596N Datasheet HTML 9Page - Texas Instruments TPIC6C596N Datasheet HTML 10Page - Texas Instruments TPIC6C596N Datasheet HTML 11Page - Texas Instruments TPIC6C596N Datasheet HTML 12Page - Texas Instruments TPIC6C596N Datasheet HTML 13Page - Texas Instruments TPIC6C596N Datasheet HTML 14Page - Texas Instruments TPIC6C596N Datasheet HTML 15Page - Texas Instruments TPIC6C596N Datasheet HTML 16Page - Texas Instruments TPIC6C596N Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TPIC6C596
www.ti.com
SLIS093D – MARCH 2000 – REVISED MARCH 2015
8.3 Feature Description
8.3.1 Serial-In Interface
The TPIC6C596 device contains an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage
register. Data transfers through both the shift and storage registers on the rising edge of the shift register clock
(SRCK) and the register clock (RCK), respectively. The storage register transfers data to the output buffer when
shift register clear (CLR) is high.
8.3.2 Clear Register
A logical low on CLR clears all registers in the device. TI suggests clearing the device during power up or
initialization.
8.3.3 Output Control
Holding the output enable (G) high holds all data in the output buffers low, and all drain outputs are off. Holding
G low makes data from the storage register transparent to the output buffers. When data in the output buffers is
low, the DMOS transistor outputs are off. When data is high, the DMOS transistor outputs are capable of sink-
current. This pin can also be used for global PWM dimming.
8.4 Device Functional Modes
8.4.1 Operation With V(VIN) < 4.5 V (Minimum V(VIN))
This device works normally during 4.5 V
≤ V(VIN) ≤ 5.5 V, when operation voltage is lower than 4.5 V. The
behavior of device can't be ensured, including communication interface and current capability.
8.4.2 Operating With 5.5 V < V(VIN) < 6 V
This device works normally during this voltage range, but reliability issues may occurs while the device works for
a long time in this voltage range.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPIC6C596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com