Electronic Components Datasheet Search
  English  ▼

X  

TB026 Datasheet(PDF) 3 Page - Microchip Technology

Part # TB026
Description  Calculating Program Memory Checksums Using a PIC16F87X
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TB026 Datasheet(HTML) 3 Page - Microchip Technology

  TB026 Datasheet HTML 1Page - Microchip Technology TB026 Datasheet HTML 2Page - Microchip Technology TB026 Datasheet HTML 3Page - Microchip Technology TB026 Datasheet HTML 4Page - Microchip Technology TB026 Datasheet HTML 5Page - Microchip Technology TB026 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TB026
© 1998 Microchip Technology Inc.
DS91026A-page 3
HEX FILE FORMAT
Development tools from Microchip support the Intel
HEX Format (INHX8M), Intel Split HEX Format
(INHX8S), and the Intel HEX 32 Format (INHX32). The
most commonly used formats are the INHX8M and the
INHX32. These are the only formats discussed in this
document. Please refer to Appendix A in the MPASM
User's Guide (DS33014) for more information about
HEX file formats. The difference between INHX8M and
INHX32 is that INHX32 supports 32-bit addresses
using a linear address record. The basic format of the
hex file is the same between INHX8M and INHX32 as
shown below:
:BBAAAATTHHHH...HHHHCC
Each data record begins with a 9 character prefix and
always ends with a 2 character checksum. All records
begin with a ':' regardless of the format. The individual
elements are described below.
• BB - is a two digit hexadecimal byte count repre-
senting the number of data bytes that will appear
on the line.
• AAAA - is a four digit hexadecimal address repre-
senting the starting address of the data record.
Format is high byte first followed by low byte, the
address is doubled because this format only sup-
ports 8-bits (to find the real PICmicro address,
simply divide the value AAAA by 2).
• TT - is a two digit record type that will be '00' for
data records, '01' for end of file records and '04'
for extended address record (INHX32 only).
• HHHH - is a four digit hexadecimal data word. For-
mat is low byte followed by high byte. There will be
BB
/2 data words following TT.
• CC - is a two digit hexadecimal checksum that is
the two's complement of the sum of all the pre-
ceding bytes in the line record.
HEX File Preparation
The checksum used to verify program memory con-
tents is a 14-bit number calculated only on the program
memory contents of a HEX file. The reason that only
14-bits is used is because the PIC16F87X has 14-bit
wide program memory.
The first step to obtaining the checksum is to get a com-
plete HEX file that has all address locations specified.
This can be easily accomplished in MPLAB by enabling
the programmer, either PROMATE II or PICSTART
PLUS, whichever one is available. Load the HEX file
into MPLAB using the menus File -> Import -> Down-
load to Memory. Then save the HEX file using File ->
Export -> Save HEX File. Make sure that the Program
Memory box is checked with a range of 0 to 8191 and
the Configuration bits and IDs box are also checked. It
is optional to check the EEPROM memory box depend-
ing on you application. This will create a complete HEX
file including all program memory, configuration word,
IDs, and optionally EEPROM memory.
The checksum provided by a programmer, such as
PROMATE II or PICSTART PLUS, is not valid because
the configuration word and device ID are included in the
calculation. Therefore, a different program is required
to calculate the program memory checksum. Once a
complete HEX file has been obtained by the previously
presented method, it must be processed and modified
to contain the checksum. The program CHECKSUM.EXE,
which is a DOS based program, reads in the HEX file,
calculates the checksum, and outputs the new HEX file
with checksum included. The checksum is calculated
by:
1.
Adding together the memory locations 0x0000
to 0x1FFE.
2.
Mask off all but the lower 14-bits.
3.
Take the 2's complement of Step 2.
4.
Mask off all but the lower 14-bits.
5.
Save this value into the HEX file at address
0x1FFF.
The program ignores all configuration word, ID, and
EEPROM memory information in the HEX file and
dumps it to the output file unchanged. The output file
can then be programmed into the PIC16F87X device.
PICmicro Code
The code used by the PIC16F87X to calculate check-
sum uses 36 words of program memory and two data
memory locations. The example code uses data mem-
ory locations 0x7E and 0x7F to store the calculated
checksum.
These locations are shared across all
banks. The user can optionally change these locations
and add banking into the routine. Figure 2 shows the
flowchart for the routine. The checksum is created
such that by adding up all program memory locations,
a 14-bit result of 0x0000 is obtained. Since the calcu-
lation is done in 16-bits, the result will actually be
0x4000, but the upper two bits are masked off by the
routine. Example 1 shows the code in MPASM to cal-
culate the program memory checksum. If the program
memory verifies, the routine returns a '1'. If a failure is
detected, the routine returns a '0'.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com