Electronic Components Datasheet Search
  English  ▼

X  

TB026 Datasheet(PDF) 2 Page - Microchip Technology

Part # TB026
Description  Calculating Program Memory Checksums Using a PIC16F87X
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TB026 Datasheet(HTML) 2 Page - Microchip Technology

  TB026 Datasheet HTML 1Page - Microchip Technology TB026 Datasheet HTML 2Page - Microchip Technology TB026 Datasheet HTML 3Page - Microchip Technology TB026 Datasheet HTML 4Page - Microchip Technology TB026 Datasheet HTML 5Page - Microchip Technology TB026 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TB026
DS91026A-page 2
© 1998 Microchip Technology Inc.
FIGURE 1:
EECON1 REGISTER
R/W-x
U-0
U-0
U-0
R/W-x
R/W-0
R/S-0
R/S-0
EEPGD
—
—
—
WRERR
WREN
WR
RD
R
= Readable bit
W = Writable bit
S
= Settable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
EEPGD: Program / Data EEPROM Select bit
1 = Accesses Program memory
0 = Accesses data memory
Note: This bit cannot be changed while a write operation is in progress.
bit 6:4:
Unimplemented: Read as '0'
bit 3:
WRERR: EEPROM Error Flag bit
1 = A write operation is prematurely terminated
(any MCLR reset or any WDT reset during normal operation)
0 = The write operation completed
bit 2:
WREN: EEPROM Write Enable bit
1 = Allows write cycles
0 = Inhibits write to the EEPROM
bit 1:
WR: Write Control bit
1 = initiates a write cycle. (The bit is cleared by hardware once write is complete.
The WR bit can only be set (not cleared) in software.
0 = Write cycle to the EEPROM is complete
bit 0:
RD: Read Control bit
1 = Initiates an EEPROM read (read takes one cycle. RD is cleared in hardware.
The RD bit can only be set (not cleared) in software).
0 = Does not initiate an EEPROM read



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com