Electronic Components Datasheet Search
  English  ▼

X  

IP175C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
Router application using one MII/RMII port
(can be configured to 4LAN+1WAN, 3LAN+2WAN, 2LAN+3WAN or 1LAN+4WAN)
p4ext
mii1_dis
mii2_en
p4mii_sni
rmii_en
mii0_mac_mod
mii2_mac_mod
1
1
0
0
x
0
x
MAC 0
MAC 1
MAC 2
MAC 3
MAC 4
MAC 5
PHY 0
PHY 1
PHY 2
PHY 3
PHY 4
MII0 / RMII0
TP
TP
CPU
CPU
Switch Engine
Router application using two-MII/RMII ports
p4ext
mii1_dis
mii2_en
p4mii_sni
rmii_en
mii0_mac_mod
mii2_mac_mod
1
0
0
0
x
0
x
MAC 0
MAC 1
MAC 2
MAC 3
MAC 4
MAC 5
PHY 0
PHY 1
PHY 2
PHY 3
PHY 4
MII0 / RMII0
MII1 / RMII1
TP
CPU
Switch Engine
Note: PHY4 is an independent PHY in this application
X
Mar 09, 2007
10/111
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com