Electronic Components Datasheet Search
  English  ▼

X  

IP175C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP175C Datasheet HTML 1Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 2Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
1/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
5 Port 10/100 Ethernet Integrated Switch
Features
General Description
IP175A PCB compatible (pins compatible)
Built in 6 MAC and 5 PHY
Each port can be configured to be 10Base-T,
100Base-TX
2k MAC address
384k bits packet buffer memory
Support auto-polarity for 10Mbps
Filter/ forward reserved address option
Broadcast storm protection
Auto MDI-MDIX
Support three MII/RMII ports
Support SMI with MDC up to 12.5 Mhz
Support tagging & un-tagging
Support Port base VLAN & tag VLAN
Support CoS
Support port security option
Support SMART MAC function
Support spanning tree protocol
Max packet length 1552/ 1536 bytes
Support 8-level bandwidth control
Support Link quality LED for 100Mbps
Support direct, serial and dual color mode LED
Support one fiber port with far end fault function
for IP175CH only
Built in linear regulator control circuit
Low power consumption
0.18um, 128-pin PQFP
Support Lead Free package (Please refer to the
Order Information)
Note – some features need CPU support, please
refer to the detail description inside this data sheet
IP175C/IP175CH
integrates
a
6-port
switch
controller,
SSRAM,
and
5
10/100
Ethernet
transceivers. Each of the transceivers complies with
the
IEEE802.3,
IEEE802.3u,
and
IEEE802.3x
specifications. The DSP approach is utilized for
designing transceivers with 0.18um technology; they
have high noise immunity and robust performance.
IP175C/IP175CH operates in store and forward
mode. It supports flow control, auto MDI/MDI-X,
CoS, port base VLAN, bandwidth control, DiffServ,
SMART MAC and LED functions, etc. Each port can
be
configured
to
auto-negotiation
or
forced
10M/100M,
full/half
duplexmode.
Using
an
EEPROM or pull up/down resistors on specified pins
can configure the desired options.
Besides
a
5-port
switch
application,
IP175C/IP175CH supports three MII/RMII ports for
router application, which supports 4 LAN ports, one
WAN port and one HOME/PNA or Access point. The
external
MAC
can
monitor
or
configure
IP175C/IP175CH by accessing MII registers through
SMI0.
MII/RMII port also can be configured to be MAC
mode. It is used to interface an external PHY to
work
as
a
5+1
switch.
Through
SMI1
IP175C/IP175CH
can
monitor
and
configure
external PHY.
IP175CH supports one fiber port with far end fault
function


Similar Part No. - IP175C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R01 ETC2-IP175ALF-DS-R01 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R02 ETC2-IP175ALF-DS-R02 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R03 ETC2-IP175ALF-DS-R03 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R04 ETC2-IP175ALF-DS-R04 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP175C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
logo
Micrel Semiconductor
KS8995XA MICREL-KS8995XA_11 Datasheet
358Kb / 55P
Integrated 5-Port 10/100 QoS Switch
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
Integrated 5-Port 10/100 Managed Switch
logo
List of Unclassifed Man...
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com