Electronic Components Datasheet Search
  English  ▼

X  

4428 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4428
Description  Circuit Playground Tri-Color E-Ink Gizmo - E-Ink Display Audio Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4428 Datasheet(HTML) 1 Page - Adafruit Industries

  4428 Datasheet HTML 1Page - Adafruit Industries 4428 Datasheet HTML 2Page - Adafruit Industries 4428 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Circuit Playground Tri-Color E-Ink Gizmo
- E-Ink Display + Audio Amplifier
PRODUCT ID: 4428
Extend and expand your Circuit Playground projects with a bolt on E-Ink Gizmo
that lets you add a lovely tri-color e-Ink display in a sturdy and reliable fashion.
This PCB looks just like a round E-Ink breakout but has permanently affixed M3
standoffs that act as mechanical and electrical connections.
Chances are you've seen one of those new-fangled 'e-readers' like the Kindle or
Nook. They have gigantic electronic paper 'static' displays - that means the
image stays on the display even when power is completely disconnected. The
image is also high contrast and very daylight readable. It really does look just
like printed paper!
Once attached you'll get a 1.54" 152x152 display (black and red ink pixels and a
white-ish background), two 3-pin STEMMA connectors for attaching NeoPixel
strips or servos, and a Class D audio amplifier with a Molex PicoBlade connector
that can plug one of our lil speakers.


Similar Part No. - 4428

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4428 ETC-4428 Datasheet
137Kb / 1P
DELAY MODULES,TTL,SURFACE MOUNTED
logo
Heyco.
4428 HEYCO-4428 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Molex Electronics Ltd.
44281-0001 MOLEX-44281-0001 Datasheet
68Kb / 2P
Mini-Fit??Test Plugs
44281-0001 MOLEX6-44281-0001 Datasheet
131Kb / 3P
4.20mm (.165") Pitch Mini-Fit Test Plug, Dual Row, 4 Circuits
44281-0001 MOLEX-44281-0001 Datasheet
106Kb / 1P
MINI-FIT 4-20 CIRCUIT TEST PLUG ASSEMBLY
2015/10/27
More results

Similar Description - 4428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
logo
List of Unclassifed Man...
SC009221 ETC2-SC009221 Datasheet
1Mb / 12P
E Ink Segmented Displays
logo
IXYS Corporation
MXEI1480 IXYS-MXEI1480 Datasheet
208Kb / 2P
/-15V E Ink Source Driver
logo
Texas Instruments
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
PMIC for E Ink Vizplex Enabled Electronic Paper Display
logo
Cypress Semiconductor
630-60356-01 CYPRESS-630-60356-01 Datasheet
573Kb / 4P
CY8CKIT-028-EPD E-INK Display Shield
Rev 05
logo
List of Unclassifed Man...
104990448 ETC-104990448 Datasheet
399Kb / 4P
2.13 Triple‐Color E‐Ink Display for Raspberry Pi
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com