Electronic Components Datasheet Search
  English  ▼

X  

4428 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4428
Description  Circuit Playground Tri-Color E-Ink Gizmo - E-Ink Display Audio Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4428 Datasheet(HTML) 2 Page - Adafruit Industries

  4428 Datasheet HTML 1Page - Adafruit Industries 4428 Datasheet HTML 2Page - Adafruit Industries 4428 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Using our CircuitPython or Arduino library, you can create a 'frame buffer' with
what pixels you want to have activated and then write that out to the
display. The library we wrote does all the work for you, you can just interface
with it as if it were an Adafruit_GFX compatible display. This E-Ink breakout
does not contain an extra SRAM chip (not enough pins are available) so you'll
need ~7K of SRAM to spare for a display buffer, the CPX has 32KB and the CPB
has 256KB, so there's plenty of RAM.
This is a great companion for our Circuit Playground Express or Bluefruit boards
thanks to their fast SPI hardware speeds and plenty of RAM, and works in
Arduino and CircuitPython. If you're using this with Circuit Playground Express
and CircuitPython, you won't be able to do a lot because there isn't a ton of
memory - mostly just displaying the REPL and maybe running an image
slideshow. For CircuitPython use, the Bluefruit is recommended and works really
great!
You cannot use it with the Circuit Playground Classic in Arduino, there's not
enough RAM!
Comes with a PCB that has pre-soldered standoffs attached, and 12x M3 screws
for attachment. Fits all Circuit Playgrounds, but like we mentioned earlier, the
Express and Bluefruit are recommended.
TECHNICAL DETAILS
Product Dimensions: 53.3mm x 53.3mm x 9.4mm / 2.1" x 2.1" x 0.4"
Product Weight: 23.0g / 0.8oz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com