Electronic Components Datasheet Search
  English  ▼

X  

TPS2104DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2104DBVT
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2104DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2104DBVT Datasheet HTML 2Page - Texas Instruments TPS2104DBVT Datasheet HTML 3Page - Texas Instruments TPS2104DBVT Datasheet HTML 4Page - Texas Instruments TPS2104DBVT Datasheet HTML 5Page - Texas Instruments TPS2104DBVT Datasheet HTML 6Page - Texas Instruments TPS2104DBVT Datasheet HTML 7Page - Texas Instruments TPS2104DBVT Datasheet HTML 8Page - Texas Instruments TPS2104DBVT Datasheet HTML 9Page - Texas Instruments TPS2104DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPS2104, TPS2105
VAUX POWER-DISTRIBUTION SWITCHES
SLVS235A – SEPTEMBER 1999 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
VI(IN1) = V(IN2) = 5 V, IO = rated current (unless otherwise noted) (continued)
enable input (EN and EN)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(INx) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(INx) ≤ 5.5 V
0.8
V
II
Input current
TPS2104
EN = 0 V or EN = VI(INx)
–0.5
0.5
µA
II
Input current
TPS2105
EN = 0 V or EN = VI(INx)
–0.5
0.5
µA
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN = H,
TJ = 25°C
0.75
µA
TPS2104
EN
H,
IN2 selected
–40
°C ≤ TJ ≤ 125°C
1.5
µA
TPS2104
EN = L,
TJ = 25°C
18
µA
II
Supply current
EN
L,
IN1 selected
–40
°C ≤ TJ ≤ 125°C
35
µA
II
Supply current
EN = L,
TJ = 25°C
0.75
µA
TPS2105
,
IN2 selected
–40
°C ≤ TJ ≤ 125°C
1.5
µA
TPS2105
EN = H,
TJ = 25°C
18
µA
,
IN1 selected
–40
°C ≤ TJ ≤ 125°C
35
µA
switching characteristics, TJ = 25°C, VI(IN1) = VI(IN2) = 5 V (unless otherwise noted)†
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
CL = 1 µF,
IL = 500 mA
340
IN1-OUT
VI(IN2) = 0 CL = 10 µF,
IL = 500 mA
340
t
Output rise time
()
CL = 1 µF,
IL = 100 mA
312
µs
tr
Output rise time
CL = 1 µF,
IL = 100 mA
3.4
µs
IN2-OUT
VI(IN1) = 0 CL = 10 µF,
IL = 100 mA
34
()
CL = 1 µF,
IL = 10 mA
3.5
CL = 1 µF,
IL = 500 mA
6
IN1-OUT
VI(IN2) = 0 CL = 10 µF,
IL = 500 mA
108
tf
Output fall time
()
CL = 1 µF,
IL = 100 mA
8
µs
tf
Output fall time
CL = 1 µF,
IL = 100 mA
100
µs
IN2-OUT
VI(IN1) = 0 CL = 10 µF,
IL = 100 mA
990
()
CL = 1 µF,
IL = 10 mA
1000
tPLH Propagation delay time low to high output
IN1-OUT
VI(IN2) = 0
CL =10 µF
IL = 100 mA
55
µs
tPLH Propagation delay time, low-to-high output
IN2-OUT
VI(IN1) = 0
CL = 10 µF,
IL = 100 mA
1
µs
tPHL Propagation delay time high to low output
IN1-OUT
VI(IN2) = 0
CL =10 µF
IL = 100 mA
1.5
µs
tPHL Propagation delay time, high-to-low output
IN2-OUT
VI(IN1) = 0
CL = 10 µF,
IL = 100 mA
50
µs
† All timing parameters refer to Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com