Electronic Components Datasheet Search
  English  ▼

X  

TPS2104DBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2104DBVT
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2104DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2104DBVT Datasheet HTML 5Page - Texas Instruments TPS2104DBVT Datasheet HTML 6Page - Texas Instruments TPS2104DBVT Datasheet HTML 7Page - Texas Instruments TPS2104DBVT Datasheet HTML 8Page - Texas Instruments TPS2104DBVT Datasheet HTML 9Page - Texas Instruments TPS2104DBVT Datasheet HTML 10Page - Texas Instruments TPS2104DBVT Datasheet HTML 11Page - Texas Instruments TPS2104DBVT Datasheet HTML 12Page - Texas Instruments TPS2104DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TPS2104, TPS2105
VAUX POWER-DISTRIBUTION SWITCHES
SLVS235A – SEPTEMBER 1999 – REVISED APRIL 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IN1 Switch Rise Time
vs Output Current
7
IN2 Switch Fall Time
vs Output Current
8
IN1 Switch Fall Time
vs Output Current
9
IN2 Switch Fall Time
vs Output Current
10
Output Voltage Droop
vs Output Current When Output Is Switched From IN2 to IN1
11
Inrush Current
vs Output Capacitance
12
IN1 Supply Current
vs Junction Temperature (IN1 Enabled)
13
IN1 Supply Current
vs Junction Temperature (IN1 Disabled)
14
IN2 Supply Current
vs Junction Temperature (IN2 Enabled)
15
IN2 Supply Current
vs Junction Temperature (IN2 Disabled)
16
IN1-OUT On-State Resistance
vs Junction Temperature
17
IN2-OUT On-State Resistance
vs Junction Temperature
18
Figure 7
310
280
250
0.01
0.1
1
10
340
370
IN1 SWITCH RISE TIME
vs
OUTPUT CURRENT
400
100
1000
CL = 47 µF
CL = 10 µF
CL = 1 µF
IO – Output Current – mA
VI(IN1) = 5 V
VI(IN2) = 0 V
TJ = 25°C
CL = 100 µF
Figure 8
10
0.1
0
10
2030
405060
100
IN2 SWITCH RISE TIME
vs
OUTPUT CURRENT
1000
70
80
90
100
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
IO – Output Current – mA
VI(IN1) = 0 V
VI(IN2) = 5 V
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com