Electronic Components Datasheet Search
  English  ▼

X  

TPS2113 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2113
Description  AUTOSWITCHING POWER MUX
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2113 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2113 Datasheet HTML 1Page - Texas Instruments TPS2113 Datasheet HTML 2Page - Texas Instruments TPS2113 Datasheet HTML 3Page - Texas Instruments TPS2113 Datasheet HTML 4Page - Texas Instruments TPS2113 Datasheet HTML 5Page - Texas Instruments TPS2113 Datasheet HTML 6Page - Texas Instruments TPS2113 Datasheet HTML 7Page - Texas Instruments TPS2113 Datasheet HTML 8Page - Texas Instruments TPS2113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS2112
TPS2113
SLVS446 – DECEMBER 2002
www.ti.com
2
Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
FEATURE
TPS2110
TPS2111
TPS2112
TPS2113
TPS2114
TPS2115
Current Limit Adjustment Range
0.31–0.75A
0.63–1.25A
0.31–0.75A
0.63–1.25A
0.31–0.75A
0.63–1.25A
Switching modes
Manual
Yes
Yes
No
No
Yes
Yes
Switching modes
Automatic
Yes
Yes
Yes
Yes
Yes
Yes
Switch Status Output
No
No
Yes
Yes
Yes
Yes
Package
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
ORDERING INFORMATION
TA
PACKAGE
ORDERING NUMBER(1)
MARKINGS
40
°Ct 85°C
TSSOP 8 (PW)
TPS2112PW
2112
–40
°C to 85°C
TSSOP-8 (PW)
TPS2113PW
2113
(1) The PW package is available taped and reeled. Add an R suffix to the device type (e.g., TPS2112PWR) to indicate tape and reel.
PACKAGE DISSIPATION RATINGS
PACKAGE
DERATING FACTOR ABOVE
TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TSSOP-8 (PW)
3.87 mW/
°C
386.84 mW
212.76 mW
154.73 mW
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS2112, TPS2113
Input voltage range at pins IN1, IN2, EN, VSNS, ILIM(2)
–0.3 V to 6 V
Output voltage range, VO(OUT), VO(STAT)(2)
–0.3 V to 6 V
Output sink current, IO(STAT)
5 mA
Continuous output current IO
TPS2112
0.9 A
Continuous output current, IO
TPS2113
1.5 A
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
–40
°C to 125°C
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are with respect to GND.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Input voltage at IN1 V
VI(IN2) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN1, VI(IN1)
VI(IN2) < 2.8 V
2.8
5.5
V
Input voltage at IN2 V
VI(IN1) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN2, VI(IN2)
VI(IN1) < 2.8 V
2.8
5.5
V
Input voltage, VI(EN), VI(VSNS)
0
5.5
V
Current limit adjustment range I
TPS2112
0.31
0.75
A
Current limit adjustment range, IO(OUT)
TPS2113
0.63
1.25
A
Operating virtual junction temperature, TJ
–40
125
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model
2
kV
CDM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com