Electronic Components Datasheet Search
  English  ▼

X  

TPS2113 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2113
Description  AUTOSWITCHING POWER MUX
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2113 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2113 Datasheet HTML 1Page - Texas Instruments TPS2113 Datasheet HTML 2Page - Texas Instruments TPS2113 Datasheet HTML 3Page - Texas Instruments TPS2113 Datasheet HTML 4Page - Texas Instruments TPS2113 Datasheet HTML 5Page - Texas Instruments TPS2113 Datasheet HTML 6Page - Texas Instruments TPS2113 Datasheet HTML 7Page - Texas Instruments TPS2113 Datasheet HTML 8Page - Texas Instruments TPS2113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS2112
TPS2113
SLVS446 – DECEMBER 2002
www.ti.com
5
SWITCHING CHARACTERISTICS
over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, RILIM = 400 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TPS2112
TPS2113
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
POWER SWITCH
tr
Output rise time from
an enable(1)
VI(IN1) = VI(IN2) = 5 V,
VI(VSNS) = 1.5 V
TJ = 25°C, CL = 1 µF,
IL = 500 mA,
See Figure 1(a)
0.5
1.0
1.5
1
1.8
3
ms
tf
Output fall time from
a disable(1)
VI(IN1) = VI(IN2) = 5 V,
VI(VSNS) = 1.5 V
TJ = 25°C, CL = 1 µF,
IL = 500 mA,
See Figure 1(a)
0.35
0.5
0.7
0.5
1
2
ms
tt
Transition time(1)
IN1 to IN2 transition,
VI(IN1) = 3.3 V,
VI(IN2) = 5 V,
VI(EN) = 0 V
TJ = 125°C, CL = 10 µF,
IL = 500 mA
[Measure transition time
as 10–90% rise time or
from 3.4 V to 4.8 V on
VO(OUT)],
See Figure 1(b)
40
60
40
60
µs
tPLH1
Turn-onpropagation
delay from enable(1)
VI(IN1) = VI(IN2) = 5 V
Measured from enable to
10% of VO(OUT),
VI(VSNS) = 1.5 V
TJ = 25°C, CL = 10 µF,
IL = 500 mA,
See Figure 1(a)
0.5
1
ms
tPHL1
Turn-off propagation
delay from a
disable(1)
VI(IN1) = VI(IN2) = 5 V,
Measured from disable
to 90% of VO(OUT),
VI(VSNS) = 1.5 V
TJ = 25°C, CL = 10 µF,
IL = 500 mA,
See Figure 1(a)
3
5
ms
tPLH2
Switch-over rising
propagationdelay(1)
Logic 1 to Logic 0
transition on VSNS ,
VI(IN1) = 1.5 V,
VI(IN2) = 5 V,
VI(EN) = 0 V,
Measured from VSNS to
10% of VO(OUT)
TJ = 25°C, CL = 10 µF,
IL = 500 mA,
See Figure 1(c)
0.17
1
0.17
1
ms
tPHL2
Switch-over falling
propagationdelay(1)
Logic 0 to Logic 1
transition on VSNS
VI(IN1) = 1.5V,
VI(IN2) = 5V,
VI(EN) = 0 V,
Measured from VSNS to
90% of VO(OUT)
TJ = 25°C, CL = 10 µF,
IL = 500 mA,
See Figure 1(c)
2
3
10
2
5
10
ms
(1) Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com