Electronic Components Datasheet Search
  English  ▼

X  

TPS2310IPW Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2310IPW
Description  DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2310IPW Datasheet(HTML) 2 Page - Texas Instruments

  TPS2310IPW Datasheet HTML 1Page - Texas Instruments TPS2310IPW Datasheet HTML 2Page - Texas Instruments TPS2310IPW Datasheet HTML 3Page - Texas Instruments TPS2310IPW Datasheet HTML 4Page - Texas Instruments TPS2310IPW Datasheet HTML 5Page - Texas Instruments TPS2310IPW Datasheet HTML 6Page - Texas Instruments TPS2310IPW Datasheet HTML 7Page - Texas Instruments TPS2310IPW Datasheet HTML 8Page - Texas Instruments TPS2310IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PREREG
UVLO and
Power Up
IN1
ISET1
ISENSE1
GATE1
Clamp
Charge
Pump
75
µA
Pulldown FET
Circuit Breaker
dv/dt Rate
Protection
Deglitcher
DISCH1
Logic
VSENSE1
PWRGD1
FAULT
TIMER
Second Channel
PWRGD2
GATE2
ISENSE2
ISET2
IN2
DISCH2
VSENSE2
Circuit
Breaker
VREG
Deglitcher
AGND
DGND
ENABLE
50
µA
TPS2300
TPS2301
SLVS265H – FEBRUARY 2000 – REVISED JULY 2013
www.ti.com
Table 1. AVAILABLE OPTIONS
TSSOP PACKAGES (PW, PWR)(1)
PIN
TA
HOT-SWAP CONTROLLER DESCRIPTION
COUNT
ENABLE
ENABLE
Dual-channel with independent OCP and adjustable PG
20
TPS2300IPW
TPS2301IPW
Dual-channel with interdependent OCP and adjustable PG
20
TPS2310IPW
TPS2311IPW
40°C to 85°C
Dual-channel with independent OCP
16
TPS2320IPW
TPS2321IPW
Single-channel with OCP and adjustable PG
14
TPS2330IPW
TPS2331IPW
(1)
The packages are available left-end taped and reeled (indicated by the R suffix on the device type; e.g., TPS2301IPWR).
FUNCTIONAL BLOCK DIAGRAM
Table 2. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
8
I
Analog ground, connects to DGND as close as possible
DGND
3
I
Digital ground
DISCH1
20
O
Discharge transistor 1
DISCH2
19
O
Discharge transistor 2
ENABLE/ ENABLE
18
I
Active low (TPS2300) or active high enable (TPS2301)
FAULT
16
O
Overcurrent fault, open-drain output
GATE1
1
O
Connects to gate of channel 1 high-side MOSFET
GATE2
2
O
Connects to gate of channel 2 high-side MOSFET
IN1
11
I
Input voltage for channel 1
IN2
12
I
Input voltage for channel 2
ISENSE1
10
I
Current-sense input channel 1
ISENSE2
9
I
Current-sense input channel 2
ISET1
15
I
Adjusts circuit-breaker threshold with resistor connected to IN1
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2300 TPS2301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com