Electronic Components Datasheet Search
  English  ▼

X  

TPS2310IPW Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2310IPW
Description  DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2310IPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2310IPW Datasheet HTML 9Page - Texas Instruments TPS2310IPW Datasheet HTML 10Page - Texas Instruments TPS2310IPW Datasheet HTML 11Page - Texas Instruments TPS2310IPW Datasheet HTML 12Page - Texas Instruments TPS2310IPW Datasheet HTML 13Page - Texas Instruments TPS2310IPW Datasheet HTML 14Page - Texas Instruments TPS2310IPW Datasheet HTML 15Page - Texas Instruments TPS2310IPW Datasheet HTML 16Page - Texas Instruments TPS2310IPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
1
0
0
3
6
2
3
4
9
12
C
– GA
L(GATE1)
TE1LoadCapacitance – nF
IN1=12V
T =25 C
A
°
V – GATE1Voltage – V
13.5
13
12
11
14
15
16
17
18
19
20
14
14.5
15
21
22
23
24
12.5
11.5
TA =85°C
TA =25°C
TA =0°C
TA = –40°C
IN1=13V
C
– GATE1LoadCapacitance – nF
L(GATE1)
IN1=12V
T =25 C
A
°
15
12
9
6
3
0
18
3
6
9
12
0
16
14
12
10
2
3
4
5
6
7
8
18
20
22
9
10
11
12
V – InputV
I1
oltage1 – V
TA =85°C
TA =25°C
TA =0°C
TA = –40°C
C
=1000pF
L(GATE1)
TPS2300
TPS2301
www.ti.com
SLVS265H – FEBRUARY 2000 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
GATE1 OUTPUT VOLTAGE
GATE1 VOLTAGE RISE TIME
vs
vs
INPUT VOLTAGE 1
GATE1 LOAD CAPACITANCE
Figure 19.
Figure 20.
GATE1 VOLTAGE FALL TIME
GATE1 OUTPUT CURRENT
vs
vs
GATE1 LOAD CAPACITANCE
GATE1 VOLTAGE
Figure 21.
Figure 22.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS2300 TPS2301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com