Electronic Components Datasheet Search
  English  ▼

X  

TPS76130DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS76130DBVT
Description  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS76130DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS76130DBVT Datasheet HTML 1Page - Texas Instruments TPS76130DBVT Datasheet HTML 2Page - Texas Instruments TPS76130DBVT Datasheet HTML 3Page - Texas Instruments TPS76130DBVT Datasheet HTML 4Page - Texas Instruments TPS76130DBVT Datasheet HTML 5Page - Texas Instruments TPS76130DBVT Datasheet HTML 6Page - Texas Instruments TPS76130DBVT Datasheet HTML 7Page - Texas Instruments TPS76130DBVT Datasheet HTML 8Page - Texas Instruments TPS76130DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = VI, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
2.96
3
3.04
TPS76130
TJ = 25°C,
1 mA < IO < 100 mA
2.9
3.04
V
1 mA < IO < 100 mA
2.89
3.07
TJ = 25°C
3.16
3.2
3.24
TPS76132
TJ = 25°C,
1 mA < IO < 100 mA
3.11
3.24
V
1 mA < IO < 100 mA
3.08
3.3
TJ = 25°C
3.26
3.3
3.34
VO
Output voltage
TPS76133
TJ = 25°C,
1 mA < IO < 100 mA
3.21
3.34
V
1 mA < IO < 100 mA
3.18
3.4
TJ = 25°C
3.76
3.8
3.84
TPS76138
TJ = 25°C,
1 mA < IO < 100 mA
3.71
3.84
V
1 mA < IO < 100 mA
3.68
3.9
TJ = 25°C
4.95
5
5.05
TPS76150
TJ = 25°C,
1 mA < IO < 100 mA
4.88
5.05
V
1 mA < IO < 100 mA
4.86
5.1
II(standby)
Standby current
EN = 0 V
1
µA
IO = 0 mA,
TJ = 25°C
90
115
IO = 0 mA
130
IO = 1 mA,
TJ = 25°C
100
130
IO = 1 mA
170
Quiescent current (GND current)
IO = 10 mA,
TJ = 25°C
190
220
µA
Quiescent current (GND current)
IO = 10 mA
260
µA
IO = 50 mA,
TJ = 25°C
850
1100
IO = 50 mA
1200
IO = 100 mA,
TJ = 25°C
2600
3600
IO = 100 mA
4000
TPS76130
4 V < VI < 16,
IO = 1 mA
3
10
TPS76132
4.2 V < VI < 16,
IO = 1 mA
3
10
Input regulation
TPS76133
4.3 V < VI < 16,
IO = 1 mA
3
10
mV
TPS76138
4.8 V < VI < 16,
IO = 1 mA
3
10
TPS76150
6 V < VI < 16
IO = 1 mA
3
10
Vn
Output noise voltage
BW = 300 Hz to 50 kHz
Co = 10 µF, TJ = 25°C
190
µVrms
Ripple rejection
f = 1 kHz,
Co = 10 µF,
TJ = 25°C
63
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com