Electronic Components Datasheet Search
  English  ▼

X  

TPS76130DBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS76130DBVT
Description  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS76130DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS76130DBVT Datasheet HTML 4Page - Texas Instruments TPS76130DBVT Datasheet HTML 5Page - Texas Instruments TPS76130DBVT Datasheet HTML 6Page - Texas Instruments TPS76130DBVT Datasheet HTML 7Page - Texas Instruments TPS76130DBVT Datasheet HTML 8Page - Texas Instruments TPS76130DBVT Datasheet HTML 9Page - Texas Instruments TPS76130DBVT Datasheet HTML 10Page - Texas Instruments TPS76130DBVT Datasheet HTML 11Page - Texas Instruments TPS76130DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
4
20
6
5
7
–10
– 20
TPS76130
LINE TRANSIENT RESPONSE
t – Time –
µs
–50
150
100
50
200 250
350
300
400 450
CO = 4.7 µF
IL = 100 mA
10
0
0
Figure 14
30
20
40
50
– 100
t – Time –
µs
CO = 4.7 µF
TPS76130
LOAD TRANSIENT RESPONSE
–300
0
–100
–200
100
200
400
300
500
600 700
10
0
–50
100
Figure 15
6
30
7
20
– 20
TPS76150
LINE TRANSIENT RESPONSE
t – Time –
µs
–50
100
50
0
150
200
300
250
350
400 450
CO = 4.7 µF
IL = 100 mA
10
0
–10
–30
8
Figure 16
100
20
10
30
–50
– 100
t – Time –
µs
CO = 4.7 µF
TPS76150
LOAD TRANSIENT RESPONSE
–300
0
–100
–200
100 200
400
300
500 600
700
50
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com