Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS76301DBVT
Description  TPS763 Low-Power, 150-mA, Low-Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS76301DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS76301DBVT Datasheet HTML 1Page - Texas Instruments TPS76301DBVT Datasheet HTML 2Page - Texas Instruments TPS76301DBVT Datasheet HTML 3Page - Texas Instruments TPS76301DBVT Datasheet HTML 4Page - Texas Instruments TPS76301DBVT Datasheet HTML 5Page - Texas Instruments TPS76301DBVT Datasheet HTML 6Page - Texas Instruments TPS76301DBVT Datasheet HTML 7Page - Texas Instruments TPS76301DBVT Datasheet HTML 8Page - Texas Instruments TPS76301DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
TPS763
SLVS181J – DECEMBER 1998 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TPS763
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
7
Absolute Maximum Ratings.................................. 3
8
ESD Ratings ........................................................... 3
9
Recommended Operating Conditions ................. 3
10
Thermal Information.............................................. 4
11
Electrical Characteristics ..................................... 4
11.1
Typical Characteristics ............................................ 7
12
Detailed Description ........................................... 11
12.1
Overview ............................................................... 11
12.2
Functional Block Diagram ..................................... 11
12.3
Feature Description............................................... 11
12.4
Device Functional Modes...................................... 12
13
Application and Implementation........................ 13
13.1
Application Information.......................................... 13
13.2
Typical Application ................................................ 13
14
Power Supply Recommendations ..................... 16
14.1
Power Dissipation and Junction Temperature ...... 16
15
Layout................................................................... 16
15.1
Layout Guidelines ................................................. 16
15.2
Layout Example .................................................... 16
16
Device and Documentation Support ................. 17
16.1
Receiving Notification of Documentation Updates 17
16.2
Community Resources.......................................... 17
16.3
Trademarks ........................................................... 17
16.4
Electrostatic Discharge Caution ............................ 17
16.5
Glossary ................................................................ 17
17
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (December 2016) to Revision J
Page
•
Changed minimum specification from 4.75 V to 4.85 V in VO parameter for TPS76350, IO = 1 mA to 150 mA row in
Electrical Characteristics table ............................................................................................................................................... 5
Changes from Revision H (January 2004) to Revision I
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Deleted Legacy Applications and Non-Ceramic Capacitor Stability from Applications ......................................................... 1
•
Added Electricity Meters, Solar Inverters, HVAC Systems, Servo Drives and Motion Control, and Sensor
Transmitters to Applications ................................................................................................................................................... 1
•
Deleted Dissipation Ratings table........................................................................................................................................... 3
•
Added Thermal Information table ........................................................................................................................................... 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com