Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS76301DBVT
Description  TPS763 Low-Power, 150-mA, Low-Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS76301DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS76301DBVT Datasheet HTML 9Page - Texas Instruments TPS76301DBVT Datasheet HTML 10Page - Texas Instruments TPS76301DBVT Datasheet HTML 11Page - Texas Instruments TPS76301DBVT Datasheet HTML 12Page - Texas Instruments TPS76301DBVT Datasheet HTML 13Page - Texas Instruments TPS76301DBVT Datasheet HTML 14Page - Texas Instruments TPS76301DBVT Datasheet HTML 15Page - Texas Instruments TPS76301DBVT Datasheet HTML 16Page - Texas Instruments TPS76301DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TPS76301
IN
EN
1
1 µF
VI
3
•2 V
”0.5 V
GND
2
FB
OUT
4
5
R1
R2
Vo
CSR=1 Ÿ
4.7 µF
+
13
TPS763
www.ti.com
SLVS181J – DECEMBER 1998 – REVISED SEPTEMBER 2019
Product Folder Links: TPS763
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
13 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
13.1 Application Information
The TPS763xx low-dropout (LDO) regulators are part of a family of regulators which have been optimized for use
in battery-operated equipment and feature extremely low dropout voltages, low quiescent current (140 µA), and
an enable input to reduce supply currents to less than 2 µA when the regulator is turned off.
13.2 Typical Application
Figure 20. Typical Application Circuit
13.2.1 Design Requirements
Although not required, TI recommends a 0.047-µF or larger ceramic bypass input capacitor, connected between
IN and GND and placed close to the TPS763xx, to improve transient response and noise rejection. A higher-
value electrolytic input capacitor may be necessary if large, fast-rise-time load transients are anticipated and the
device is placed several inches from the power source. Follow the programming guidelines from Table 2.
(1)
1% values shown
Table 2. Output Voltage Programming Guide
OUTPUT VOLTAGE (V)
DIVIDER RESISTANCE (kΩ)(1)
R1
R2
2.5
187
169
3.3
301
169
3.6
348
169
4
402
169
5
549
169
6.45
750
169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com