Electronic Components Datasheet Search
  English  ▼

X  

TIIL95 Datasheet(PDF) 2 Page - Carling Technologies

Part # TIIL95
Description  Rocker Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

TIIL95 Datasheet(HTML) 2 Page - Carling Technologies

  TIIL95 Datasheet HTML 1Page - Carling Technologies TIIL95 Datasheet HTML 2Page - Carling Technologies TIIL95 Datasheet HTML 3Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
41
Carlingswitch,Inc. (860) 793-9281• Carlingswitch, LTD. Int + 44 1392-364422 • Carlingswitch Asia-Pacific, LTD. Int + 852-2737-2277
Rocker Switches
Special Circuits for Tippette Rocker Switches
CIRCUIT
POSITION 1
POSITION 2
POSITION 3
PROGRESSIVE TWO CIRCUIT
GG
BOTH CIRCUITS ON
ONE CIRCUIT ON
OFF
GG
BOTH CIRCUITS (ON)
ONE CIRCUIT ON
OFF
SINGLE POLE TRIPLE THROW
GE
ON
ON
ON
TWO CIRCUIT
GH
CIRCUIT 1 ON
BOTH CIRCUITS ON
CIRCUIT 2 ON
GP
CIRCUIT 2 ON
CIRCUIT 1 ON
OFF
REVERSING DOUBLE POLE DOUBLE THROW
GO
ON
OFF
ON
GX
ON
NONE
ON
Actuator Styles/Dimensions: in. [mm]
.394[10.00]
.187[4.74]
.055[1.40] DIA
.125[3.18] DIA
.187[4.74]
.330[8.38]
.187[4.75]
PRINTED
CIRCUIT
#6-32NC-2
THREAD
.286[7.26]
SCREW
(ASSEMBLED)
1.892[48.05]
1.302[33.07]
1.436[36.47]
1S
TIL,TIG,TIH,TII
1.024[26.00]
.957[24.30]
.630[16.00]
7P
TIG
.430[10.90]
.880[22.4]
1.224[31.08]
1L
TIL,TIG,TIH,TII
1.224[31.08]
.187 TAB (Q.C.)
7S
TIG
1F
TIG, TII
TERMINAL TYPE
.250 TAB (Q.C.)
.250[6.35]
.437[11.09]
.075[1.91] DIA
1.224[31.08]
1.035[26.28]
.312[7.92]
TII
SOLDER LUG
.650[16.51]
.650[16.51]
.650[16.51]
WIRE LEAD
6.000[152.40]
1.134[28.80]
.500[12.70]
.141[3.58]
.187[4.75]
.350[8.89]
.370[9.39]
.250[6.35]
.650[16.51]
.300[7.62]
.957[24.30]
.996[25.30]
.880[22.40]
7N
TIG
2L
TIL,TIG,TIH,TII
1C
TIL,TIG,TIH,TII
.650[16.51]
1.224[31.08]
6S
TIG
.422[10.72]
1.224[31.08]
1.224[31.08]
.957[24.30]
.957[24.30]
1.224[31.08]
.957[24.30]
NOTES:
Additional momentary circuits are available. Consult factory for details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com