Electronic Components Datasheet Search
  English  ▼

X  

TIIL95 Datasheet(PDF) 1 Page - Carling Technologies

Part # TIIL95
Description  Rocker Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

TIIL95 Datasheet(HTML) 1 Page - Carling Technologies

  TIIL95 Datasheet HTML 1Page - Carling Technologies TIIL95 Datasheet HTML 2Page - Carling Technologies TIIL95 Datasheet HTML 3Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Carlingswitch,Inc. (860) 793-9281• Carlingswitch, LTD. Int + 44 1392-364422 • Carlingswitch Asia-Pacific, LTD. Int + 852-2737-2277
40
TIG
Rocker Switches
TIL, TIG, TIH, TII-Series
Dimensional Specifications: in. [mm]
SERIES
TIL
SINGLE POLE
TIG
DOUBLE POLE
TIH
THREE POLE
TII
FOUR POLE
ACTUATOR COLOR3
BL BLACK
WH WHITE
BRACKET STYLE4
A
B
C
H
FN
NARROW
FW
WIDE
MBL MARINE
NBL
WBL WATERSHEDDING
RATING1
5
10A 250VAC
15A 125VAC
3/4HP 125-250VAC
6
3A 250VAC
6A 125VAC
1/4HP 125-250VAC
9
10A 250VAC
15A 125VAC
12(6)A 250VAC T85
72 20A 125-277VAC
1 1/2HP 125VAC
2HP 250VAC
ACTUATOR STYLE2
1C CROSS SERRATED
1F
SMOOTH W/
FLATTED CENTER
1L
LONG LINED
1S
SMOOTH ANGLED
2L
LONG NARROW
SMOOTH
6M5 MATTE CURVED
(M, N OR W
BRACKETS ONLY)
6S
SMOOTH CURVED
(M, N OR W
BRACKETS ONLY)
7N WITCHES HAT
(NARROW)
7P WITCHES HAT
7S
TOGGLE
CIRCUIT
SINGLE POLE
A
ON-NONE-OFF
B
ON-NONE-ON
C
ON-OFF-ON
DOUBLE, THREE OR
FOUR POLE
K
ON-NONE-OFF
L
ON-NONE-ON
M ON-OFF-ON
The TI-Series Tippette rocker switches
are available in single pole (TIL), double
pole (TIG), three pole (TIH) and four pole
(TII) versions. These switches are
available with nylon snap-in or screw-
type mounting brackets, are AC rated to
20 amps and suitable for low voltage DC
applications. Multiple actuator options
and colors are available, and many
circuits have international approvals.
Specifications
•Certifications*: UL, CSA, and VDE
•Dielectric Strength: 1,000 V (minimum)
•Insulation Resistance: 100 Megohms
(minimum)
•Base Material: Phenolic
•Actuator Material: Nylon
•Bracket/Bezel Material: Nylon or Steel
* Due to ongoing technological advances, consult factory for
certification specifics.
TERMINATION/FUNCTION
SOLDER .250 TAB .187 TAB SCREW
WIRE
PC
FUNCTION
LUG
(QC)
(QC)
TERM.
LEAD
TERM.
ON-NONE-OFF
013
45
6
(ON)-NONE-OFF AB
D
E
F
G
ON-NONE-(OFF) LM
R
S
T
U
ON-NONE-ON
013
45
6
ON-NONE-(ON)
AB
D
E
F
G
ON-OFF-ON
013
45
6
ON-OFF-(ON)
AB
D
E
F
G
(ON)-OFF-(ON)
LM
R
S
T
U
K5
1
6S
-
BL
NBL
-
-
TIH
.760[19.30]
.305[7.75]
TIL
1.034[26.26]
.345[8.76]
.601[15.26]
.750[19.05]
.422[10.72]
.762[19.35]
1.348[34.24]
TIG
1.350[34.29]
1.088[27.63]
1.306[33.17]
NOTES:
Shading indicates standard configurations.
Dust covers for single and double pole are available, consult factory.
Panel Cut-Out Recommendations: For sheet metal panels, switch must enter
panel in same direction as the punch. (Burr on bottom.) Test cut hole in actual
material.
1
Horsepower rating for code 5 is applicable to certain circuits only.
Consult factory for specifics.
Rating Code 9 for TIG-Series only with maintained A, B, K, L and M
Circuits, and N Bracket Style, terminals 0 or 1 only.
Rating Code 72 for TIG-Series only, in maintained circuits, with N or W
Bracket Style only.
2
For double actuator with or without interlock or other actuator
styles,consult factory.
Imprinting available on smooth face rockers.
3
Glossy finish is standard. Custom colors are available. Consult factory.
4
Barbs are available on FN style bracket to accommodate panel
thicknesses of .062, .100, .125, .156 and .250. Specify after bracket
selection. (ex.) FN/.125
MBL, NBL & WBL brackets are molded in black. If white is desired,
specify as MWH, NWH & WWH.
Bracket Styles D, E and G available. Consult factory.
Bracket Style M consists of LNP rocker, neoprene seal, syntech grease,
dummy rivets. M, N and W brackets supplied in two pole bases.
MBL does not have UL, CSA approvals.
Bracket style H available with actuator styles 7N and 7P only.
5
Actuator & Bracket Finish is a matched set.


Similar Part No. - TIIL95

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TII13-EX MORNSUN-TII13-EX Datasheet
190Kb / 2P
ANALOG SIGNAL ISOLATING DETECTION BARRIER
More results

Similar Description - TIIL95

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
ROCKER SWITCHES
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
Rocker Switches
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
Power Rocker Switches
logo
E-SWITCH
RA1066 E-SWITCH-RA1066 Datasheet
863Kb / 2P
ROCKER SWITCHES
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
Illuminated Rocker Switches
54-870 NTE-54-870 Datasheet
3Mb / 4P
Rocker Switches
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
Rocker Switches
9 Oct 2019
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
Power Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
ROCKER SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com