Electronic Components Datasheet Search
  English  ▼

X  

0800708 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0800708
Description  WMS 19,1 (EX30)R CUS - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800708 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0800708 Datasheet HTML 1Page - PHOENIX CONTACT 0800708 Datasheet HTML 2Page - PHOENIX CONTACT 0800708 Datasheet HTML 3Page - PHOENIX CONTACT 0800708 Datasheet HTML 4Page - PHOENIX CONTACT 0800708 Datasheet HTML 5Page - PHOENIX CONTACT 0800708 Datasheet HTML 6Page - PHOENIX CONTACT 0800708 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ambient conditions
Ambient temperature (operation)
-55 °C ... 125 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 % (Storage in a dry and dark place in the original packaging is
recommended)
Shelf life
5 years
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Mounting
Mounting type
slide-on
WMS 19,1 (EX30)R CUS - Shrink sleeve
0800708
https://www.phoenixcontact.com/us/products/0800708
Jul 31, 2025, 5:13AM
Page 4 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com