Electronic Components Datasheet Search
  English  ▼

X  

0800708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0800708
Description  WMS 19,1 (EX30)R CUS - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0800708 Datasheet HTML 1Page - PHOENIX CONTACT 0800708 Datasheet HTML 2Page - PHOENIX CONTACT 0800708 Datasheet HTML 3Page - PHOENIX CONTACT 0800708 Datasheet HTML 4Page - PHOENIX CONTACT 0800708 Datasheet HTML 5Page - PHOENIX CONTACT 0800708 Datasheet HTML 6Page - PHOENIX CONTACT 0800708 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, white, cable diameter range: 6.4 ... 19.1 mm: user-defined, perforated or cut,
mounting type: slide-on, text field height: 30000 mm, text field width: 30 mm
Your advantages
Individual labels can be ordered with a maximum length of 30 mm
•
UL 224 (125°C, 600 V, all tubing)
•
CSA.C22.2 No. 198.1 (125°C, 600 V, all tubing)
•
MIL-STD-202G, SAE AMS-DTL-23053, SAE AS-81531
•
Commercial data
Item number
0800708
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8126
GTIN
4046356628440
Weight per piece (including packing)
1.702 g
Weight per piece (excluding packing)
1.124 g
Country of origin
PL
WMS 19,1 (EX30)R CUS - Shrink sleeve
0800708
https://www.phoenixcontact.com/us/products/0800708
Jul 31, 2025, 5:13AM
Page 1 (7)


Similar Part No. - 0800708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800701 PHOENIX-0800701 Datasheet
194Kb / 7P
WMS 2,4 (EX4)R CUS - Shrink sleeve
0800702 PHOENIX-0800702 Datasheet
193Kb / 7P
WMS 3,2 (EX5)R CUS - Shrink sleeve
0800703 PHOENIX-0800703 Datasheet
193Kb / 7P
WMS 4,8 (EX9)R CUS - Shrink sleeve
0800704 PHOENIX-0800704 Datasheet
193Kb / 7P
WMS 6,4 (EX10)R CUS - Shrink sleeve
0800705 PHOENIX-0800705 Datasheet
66Kb / 3P
Label sheet, DIN A4 - BMKL 19X11 YE
More results

Similar Description - 0800708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803436 PHOENIX-0803436 Datasheet
42Kb / 2P
Plastic label - EMLP (EX30)R RD
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0802688 PHOENIX-0802688 Datasheet
47Kb / 3P
Plastic label - EMLP (EX30)R
0802689 PHOENIX-0802689 Datasheet
44Kb / 2P
Plastic label - EMLP (EX30)R SR
1014309 PHOENIX-1014309 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R
1014310 PHOENIX-1014310 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R SR
1014311 PHOENIX-1014311 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R YE
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com