Electronic Components Datasheet Search
  English  ▼

X  

ADL5387 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5387
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5387 Datasheet HTML 2Page - Analog Devices ADL5387 Datasheet HTML 3Page - Analog Devices ADL5387 Datasheet HTML 4Page - Analog Devices ADL5387 Datasheet HTML 5Page - Analog Devices ADL5387 Datasheet HTML 6Page - Analog Devices ADL5387 Datasheet HTML 7Page - Analog Devices ADL5387 Datasheet HTML 8Page - Analog Devices ADL5387 Datasheet HTML 9Page - Analog Devices ADL5387 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADL5375
Rev. 0 | Page 6 of 32
Parameter
Conditions
ADL5375-05
ADL5375-15
Unit
Min
Typ
Max
Min
Typ
Max
LO = 5800 MHz
Output Power, POUT
VIQ = 1 V p-p differential
2.40
0.82
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−1.6
−3.2
dB
Output P1dB
5.7
6.6
dBm
Output Return Loss
−11.4
−10.5
dB
Carrier Feedthrough
−23.0
−16.3
dBm
Sideband Suppression
−36.0
−33.0
dBc
Quadrature Error
−1.42
+1.17
Degrees
I/Q Amplitude Balance
0.20
0.50
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−57
−58
dBc
ADL5375-05
POUT = 2.40 dBm
ADL5375-15
POUT = 0.82 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−43
−52
dBc
ADL5375-05
POUT = 2.40 dBm
ADL5375-15
POUT = 0.82 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
38.7
35.7
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
13.5
12.1
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−153.0
−153.4
dBm/Hz
LO INPUTS
LO Drive Level
Characterization performed at typical level
−6
0
+7
−6
0
+7
dBm
Input Return Loss
500 MHz < fLO < 3.3 GHz
See Figure 7 and Figure 32 for return loss vs.
frequency
≤−10
≤−10
dB
BASEBAND INPUTS
Pin IBBP, Pin IBBN, Pin QBBP, Pin QBBN
I/Q Input Bias Level
500
1500
mV
Input Bias Current
Current sourcing from each baseband input
41
32
μA
Input Offset Current
0.1
0.1
μA
Differential Input
Impedance
60
100
kΩ
Bandwidth (0.1 dB)
LO = 1900 MHz, baseband input =
500 mV p-p sine wave
95
80
MHz
OUTPUT DISABLE
Pin DSOP
Off Isolation
POUT (DSOP high) – POUT (DSOP low)
86
85
dB
DSOP low, LO leakage, LO = 2150 MHz
−53
−53
dBm
Turn-On Settling Time
DSOP high to low (90% of envelope)
200
200
ns
Turn-Off Settling Time
DSOP low to high (10% of envelope)
100
100
ns
DSOP High Level (Logic 1)
2.0
2.0
V
DSOP Low Level (Logic 0)
0.8
0.8
V
POWER SUPPLIES
Pin VPS1 and Pin VPS2
Voltage
4.75
5.25
4.75
5.25
V
Supply Current
DSOP = high
200
200
mA
DSOP = low
131
131
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com