Electronic Components Datasheet Search
  English  ▼

X  

ADL5387 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5387
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5387 Datasheet HTML 21Page - Analog Devices ADL5387 Datasheet HTML 22Page - Analog Devices ADL5387 Datasheet HTML 23Page - Analog Devices ADL5387 Datasheet HTML 24Page - Analog Devices ADL5387 Datasheet HTML 25Page - Analog Devices ADL5387 Datasheet HTML 26Page - Analog Devices ADL5387 Datasheet HTML 27Page - Analog Devices ADL5387 Datasheet HTML 28Page - Analog Devices ADL5387 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADL5375
Rev. 0 | Page 25 of 32
GSM/EDGE OPERATION
The performance of the ADL5375 in a GSM/EDGE environ-
ment is shown in this section.
Figure 64 illustrates the 6 MHz offset noise of the ADL5375-05
and the ADL5375-15 vs. output power at 940 MHz. Figure 65
demonstrates how the 6 MHz offset noise is affected by varia-
tions in LO drive level for both versions of the ADL5375 at
940 MHz.
OUTPUT POWER (dBm)
–107
–106
–105
–104
–103
–102
–101
–100
–99
–5
–4
–3
–2
–1
0
ADL5375-05
ADL5375-15
Figure 64. GSM/Edge (8-PSK) 6 MHz Offset Noise at 940 MHz vs. Output
Power,
LO Drive = 0 dBm
LO DRIVE (dBm)
–109
–108
–107
–106
–105
–104
–103
–102
–101
01234567
ADL5375-05
ADL5375-15
Figure 65. GSM/Edge (8-PSK) 6 MHz Offset Noise at 940 MHz vs. LO Drive,
Output Power = 0 dBm
W
-CDMA OPERATION
The ADL5375 is suitable for W-CDMA operation. Figure 66
and Figure 67 show the adjacent and alternate channel power
ratios for the ADL5375-05 and ADL5375-15, respectively, at an
LO frequency of 2140 MHz.
–84
–82
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
–18
–16
–14
–12
–10
–8
–6
–4
OUTPUT POWER (dBm)
ALTERNATE CPR
ADJACENT CPR
Figure 66. ADL5375-05 Single-Carrier W-CDMA Adjacent and Alternate
Channel Power vs. Output Power at 2140 MHz; LO Power = 0 dBm
–20
–58
–82
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
–18
–16
–14
–12
–10
–8
–6
–4
OUTPUT POWER (dBm)
ALTERNATE CPR
ADJACENT CPR
Figure 67. ADL5375-15 Single-Carrier W-CDMA Adjacent and Alternate
Channel Power vs. Output Power at 2140 MHz; LO Power = 0 dBm
Figure 66 and Figure 67 show that both versions of the ADL5375
are able to deliver about or better than −72 dB ACPR at an
output power of −10 dBm.
Figure 68 and Figure 69 illustrate the sensitivity of the EVM to
variations in LO drive at 2140 MHz for the ADL5375-05 and
ADL5375-15 respectively.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–6
–4
–2
0
2
4
6
LO DRIVE (dBm)
SYMBOL EVM
COMPOSITE EVM
Figure 68. ADL5375-05 Single Carrier W-CDMA Composite and Symbol EVM
vs. LO Drive at 2140 MHz; Output Power = −10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com