Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8340
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 4 Page - Analog Devices

  AD8340 Datasheet HTML 1Page - Analog Devices AD8340 Datasheet HTML 2Page - Analog Devices AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADL5375
Rev. 0 | Page 4 of 32
Parameter
Conditions
ADL5375-05
ADL5375-15
Unit
Min
Typ
Max
Min
Typ
Max
LO = 1900 MHz
Output Power, POUT
VIQ = 1 V p-p differential
1.01
0.63
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.0
−3.4
dB
Output P1dB
9.8
10.4
dBm
Output Return Loss
−14.1
−13.6
dB
Carrier Feedthrough
−40.5
−39.0
dBm
Sideband Suppression
−54.2
−51.3
dBc
Quadrature Error
−0.24
−0.15
Degrees
I/Q Amplitude Balance
−0.05
−0.08
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−67
−73
dBc
ADL5375-05
POUT = 1.01 dBm
ADL5375-15
POUT = 0.63 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−52
−62
dBc
ADL5375-05
POUT = 1.01 dBm
ADL5375-15
POUT = 0.63 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
62.7
63.8
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
24.6
22.1
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−160.0
−158.2
dBm/Hz
LO = 2150 MHz
Output Power, POUT
VIQ = 1 V p-p differential
1.05
0.67
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−2.9
−3.3
dB
Output P1dB
10.0
10.4
dBm
Output Return Loss
−14.2
−13.9
dB
Carrier Feedthrough
−40.6
−37.9
dBm
Sideband Suppression
−45.0
−44.7
dBc
Quadrature Error
−0.72
−0.58
Degrees
I/Q Amplitude Balance
−0.04
−0.06
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−68
−62
dBc
ADL5375-05
POUT = 1.05 dBm
ADL5375-15
POUT = 0.67 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−53
−63
dBc
ADL5375-05
POUT = 1.05 dBm
ADL5375-15
POUT = 0.67 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
58.7
55.8
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
25.7
22.1
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−159.5
−157.9
dBm/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com