Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8340
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8340 Datasheet HTML 23Page - Analog Devices AD8340 Datasheet HTML 24Page - Analog Devices AD8340 Datasheet HTML 25Page - Analog Devices AD8340 Datasheet HTML 26Page - Analog Devices AD8340 Datasheet HTML 27Page - Analog Devices AD8340 Datasheet HTML 28Page - Analog Devices AD8340 Datasheet HTML 29Page - Analog Devices AD8340 Datasheet HTML 30Page - Analog Devices AD8340 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADL5375
Rev. 0 | Page 27 of 32
EVALUATION BOARD
Populated RoHS-compliant evaluation boards are available
for evaluation of both versions of the ADL5375. The ADL5375
package has an exposed paddle on the underside. This exposed
paddle should be soldered to the board for good thermal and
electrical grounding. The evaluation board is designed without
any components on the underside, so heat can be applied to the
underside for easy removal and replacement of the ADL5375
should it be necessary.
Both versions of the ADL5375 share the same evaluation board
and schematic. To differentiate the boards from each other,
the silkscreen on the underside of the board has a table that is
marked to indicate which version (-05 or -15) is populated on
the board.
VPS1
RFOUT
COMM
NC
COMM
NC
NC
DSOP
R15
49.9Ω
VPOS
B
A
VPOS
LOIP
COMM
LOIN
COMM
1
2
3
4
5
6
18
17
16
15
14
13
C1
1000pF
R12
OPEN
C6
1000pF
S1
C5
0.1µF
C3
1000pF
VPOS
RFOUT
EXPOSED PADDLE
Z1
ADL5375
GND
C2
1000pF
C4
0.1µF
R6
10kΩ
R10
OPEN
R4
0Ω
R3
0Ω
R11
OPEN
QBBN
QBBP
LOIP
C7
1000pF
R16
OPEN
R17
0Ω
LOIN
R5
OPEN
R7
OPEN
R9
OPEN
R2
0Ω
R1
0Ω
R8
OPEN
IBBN
IBBP
VPOS
Figure 70. ADL5375 Evaluation Board Schematic
Table 8. Evaluation Board Description and Configuration Options
Component
Description
Default Condition/Option Settings
VPOS, GND Test Points
Power Supply and Ground test points for clip leads
Red = 5 V, black = GND
S1 Switch
DSOP Output Disable Select
Position A = output enabled
Position B = output disabled
R1 to R4, R7 to R12
Baseband input filtering components
R1 to R4 = 0 Ω (0402)
R7 to R12 = open (0402)
LOIP SMA, R16, R17
Single-ended local oscillator input
R16 = open, R17 = 0 Ω (0402)
LOIN SMA, R16, R17
Optional SMA for differential LO input
R16 = 0 Ω (0402), R17 = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com