Electronic Components Datasheet Search
  English  ▼

X  

ADS5271 Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS5271
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5271 Datasheet HTML 12Page - Texas Instruments ADS5271 Datasheet HTML 13Page - Texas Instruments ADS5271 Datasheet HTML 14Page - Texas Instruments ADS5271 Datasheet HTML 15Page - Texas Instruments ADS5271 Datasheet HTML 16Page - Texas Instruments ADS5271 Datasheet HTML 17Page - Texas Instruments ADS5271 Datasheet HTML 18Page - Texas Instruments ADS5271 Datasheet HTML 19Page - Texas Instruments ADS5271 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
95
90
85
80
75
70
65
60
55
50
15
20
25
30
35
40
45
50
55
60
Sample Rate (MSPS)
SFDR
SNR
SINAD
f
IN = 10MHz
Sample Rate (MSPS)
300
250
200
150
100
50
0
10
15
50
IAVDD
ILVDD
20
25
30
35
40
45
ADS5271
SBAS313C – JUNE 2004 – REVISED JANUARY 2009...................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = +25C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V, LVDD = 3.3V,
–1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
DYNAMIC PERFORMANCE vs SAMPLE RATE
SUPPLY CURRENT vs SAMPLE RATE
Figure 13.
Figure 14.
16
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com