Electronic Components Datasheet Search
  English  ▼

X  

ADS5271 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS5271
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5271 Datasheet HTML 4Page - Texas Instruments ADS5271 Datasheet HTML 5Page - Texas Instruments ADS5271 Datasheet HTML 6Page - Texas Instruments ADS5271 Datasheet HTML 7Page - Texas Instruments ADS5271 Datasheet HTML 8Page - Texas Instruments ADS5271 Datasheet HTML 9Page - Texas Instruments ADS5271 Datasheet HTML 10Page - Texas Instruments ADS5271 Datasheet HTML 11Page - Texas Instruments ADS5271 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADCLK
6X ADCLK
SERIAL DATA
1X ADCLK
LCLK
P
LCLK
N
OUT
P
OUT
N
ADCLK
P
ADCLK
N
Sample n data
Input
t
PROP
t
D(A)
Sample n
Sample n + 6
D3 D4 D5 D6 D7 D8 D9
D0 D1 D2
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
D11
D10
1
t
SAMPLE
t
S
2
D11
D10
D1
D0
6.5 Clock Cycles
NOTE: Serial data bit format shown in LSB first mode.
t
1
t
3
t
5
t
6
t
4
t
7
t
8
t
2
AVDD (3V to 3.6V)
LVDD (3V to 3.6V)
Device Ready
For ADC Operation
Device Ready
For ADC Operation
Device Ready
For Serial Register Write
Start of Clock
AVDD
LVDD
RESET
CS
ADCLK
NOTE: 10
µs < t
1 < 50ms; 10µs < t2 < 50ms; −10ms < t3 < 10ms; t4 > 10ms; t5 > 100ns; t6 > 100ns; t7 > 10ms; and t8 > 100µs.
ADS5271
SBAS313C – JUNE 2004 – REVISED JANUARY 2009...................................................................................................................................................... www.ti.com
LVDS TIMING DIAGRAM (PER ADC CHANNEL)
RECOMMENDED POWER-UP SEQUENCING AND RESET TIMING
8
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com