Electronic Components Datasheet Search
  English  ▼

X  

ADS5424IPGPR.B Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5424IPGPR.B
Description  14 Bit, 105 MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5424IPGPR.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5424IPGPR.B Datasheet HTML 16Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 17Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 18Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 19Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 20Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 21Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 22Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 23Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ADS5424
SLWS157B − JANUARY 2005 − REVISED JANUARY 2010
www.ti.com
20
APPLICATION INFORMATION
Figure 44 shows this approach. The back-to-back
Schottky can be added to limit the clock amplitude in
cases where this would exceed the absolute maximum
ratings, even when using a differential clock. Figure 22
and Figure 23 show the performance versus input clock
amplitude for a sinusoidal clock.
CLK
ADS5424
CLK
D
VBB
MC100EP16DT
50
Ω
100 nF
100 nF
50
Ω
113
Ω
Q
Q
D
100 nF
100 nF
100 nF
499
W
499
W
Figure 45. Differential Clock Using PECL Logic
Another possibility is the use of a logic based clock, as
PECL. In this case, the slew rate of the edges will most
likely be much higher than the one obtained for the
same clock amplitude based on a sinusoidal clock. This
solution would minimize the effect of the slope
dependent ADC jitter. Nevertheless, observe that for
the ADS5424, this term is small and has been
optimized. Using logic gates to square a sinusoidal
clock may not produce the best results as logic gates
may not have been optimized to act as comparators,
adding too much jitter while squaring the inputs.
The common-mode voltage of the clock inputs is set
internally to 2.4 V using internal 1 k
Ω resistors. It is
recommended to use an ac coupling, but if for any
reason, this scheme is not possible, due to, for
instance,
asynchronous
clocking,
the
ADS5424
presents a good tolerance to clock common-mode
variation (see Figure 20).
Additionally, the internal ADC core uses both edges of
the clock for the conversion process. This means that,
ideally, a 50% duty cycle should be provided. Figure 21
shows the performance variation of the ADC versus
clock duty cycle.
DIGITAL OUTPUTS
The ADC provides 14 data outputs (D13 to D0, with D13
being the MSB and D0 the LSB), a data-ready signal
(DRY, pin 52), and an out-of-range indicator (OVR, pin
32) that equals 1 when the output reaches the full-scale
limits.
The output format is two’s complement. When the input
voltage is at negative full scale (around −1.1 V
differential), the output will be, from MSB to LSB, 10
0000 0000 0000. Then, as the input voltage is
increased, the output switches to 10 0000 0000 0001,
10 0000 0000 0010 and so on until 11 1111 1111 1111
right before mid-scale (when both inputs are tight
together if we neglect offset errors). Further increases
on input voltage, outputs the word 00 0000 0000 0000,
to be followed by 00 0000 0000 0001, 00 0000 0000
0010 and so on until reaching 01 1111 1111 1111 at
full-scale input (1.1-V differential).
Although the output circuitry of the ADS5424 has been
designed to minimize the noise produced by the
transients of the data switching, care must be taken
when designing the circuitry reading the ADS5424
outputs. Output load capacitance should be minimized
by minimizing the load on the output traces, reducing
their length and the number of gates connected to them,
and by the use of a series resistor with each pin. Typical
numbers on the data sheet tables and graphs are
obtained with 100
Ω series resistor on each digital
output pin, followed by a 74AVC16244 digital buffer as
the one used in the evaluation board.
POWER SUPPLIES
The use of low noise power supplies with adequate
decoupling is recommended, being the linear supplies
the first choice versus switched ones, which tend to
generate more noise components that can be coupled
to the ADS5424.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com