Electronic Components Datasheet Search
  English  ▼

X  

ADS5424IPGPR.B Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5424IPGPR.B
Description  14 Bit, 105 MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5424IPGPR.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5424IPGPR.B Datasheet HTML 17Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 18Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 19Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 20Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 21Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 22Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 23Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 24Page - Texas Instruments ADS5424IPGPR.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ADS5424
SLWS157B − JANUARY 2005 − REVISED JANUARY 2010
www.ti.com
21
APPLICATION INFORMATION
The ADS5424 uses two power supplies. For the analog
portion of the design, a 5 V AVDD is used, while for the
digital outputs supply (DRVDD), we recommend the use
of 3.3 V. All the ground pins are marked as GND,
although AGND pins and DRGND pins are not tied
together inside the package. Customers willing to
experiment with different grounding schemes should
know that AGND pins are 4, 7, 10, 13, 15, 17, 19, 21,
23, 25, 27, and 29, while DRGND pins are 2, 34, and 42.
Nevertheless, we recommend that both grounds are
tied together externally, using a common ground plane.
That is the case on the production test boards and
modules provided to customer for evaluation. In order
to obtain the best performance, user should layout the
board to assure that the digital return currents do not
flow under the analog portion of the board. This can be
achieved without the need to split the board and just
with careful component placing and increasing the
number of vias and ground planes.
Finally, notice that the metallic heat sink under the
package is also connected to analog ground.
LAYOUT INFORMATION
The evaluation board represents a good guideline of
how to layout the board to obtain the maximum
performance out of the ADS5424. General design rules
as the use of multilayer boards, single ground plane for
both, analog and digital ADC ground connections and
local decoupling ceramic chip capacitors should be
applied. The input traces should be isolated from any
external source of interference or noise, including the
digital outputs as well as the clock traces. Clock should
also be isolated from other signals, especially on
applications where low jitter is required, as high IF
sampling.
Besides performance oriented rules, special care has
to be taken when considering the heat dissipation out
of the device. The thermal heat sink (octagonal, with
2,5 mm on each side) should be soldered to the board,
and provision for more than 16 ground vias should be
made. The thermal package information describes the
TJA values obtained on the different configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com