Electronic Components Datasheet Search
  English  ▼

X  

AFE4404 Datasheet(PDF) 24 Page - Texas Instruments

Part # AFE4404
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4404 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE4404 Datasheet HTML 20Page - Texas Instruments AFE4404 Datasheet HTML 21Page - Texas Instruments AFE4404 Datasheet HTML 22Page - Texas Instruments AFE4404 Datasheet HTML 23Page - Texas Instruments AFE4404 Datasheet HTML 24Page - Texas Instruments AFE4404 Datasheet HTML 25Page - Texas Instruments AFE4404 Datasheet HTML 26Page - Texas Instruments AFE4404 Datasheet HTML 27Page - Texas Instruments AFE4404 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
LED2
SLED2
t1
CONVLED2
ADCRST0
t2
t3
t4
t5
24
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Refers to one clock period of CLK_TE.
(2)
See Figure 36 for notations of the clocking domain.
(3)
tADC = 1 / fADC.
8.3.6.3 Receiver Timing
The timing engine can be programmed to set the different phases of the receiver. The relative timings of the LED
phase, sampling phase, ADC reset phase, and ADC conversion phases are shown in Figure 33 and Table 7.
Figure 33. Receiver Timing Guidelines
Table 7. Receiver Timing Details
MIN
MAX
UNIT
t1
Start of LED to start of sampling
Max [25, (0.2 × LED pulse duration)]
µs
t2
End of LED to start of ADC reset phase
2
Counts(1)
t3
Duration of ADC reset phase
6
Counts
t4
End of ADC reset phase to start of ADC conversion phase
2
2
Count
t5
Duration of ADC conversion phase(2)
(NUMAV + 2) × 200 × tADC + 15
(3)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com