Electronic Components Datasheet Search
  English  ▼

X  

AFE4404 Datasheet(PDF) 80 Page - Texas Instruments

Part # AFE4404
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4404 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AFE4404 Datasheet HTML 76Page - Texas Instruments AFE4404 Datasheet HTML 77Page - Texas Instruments AFE4404 Datasheet HTML 78Page - Texas Instruments AFE4404 Datasheet HTML 79Page - Texas Instruments AFE4404 Datasheet HTML 80Page - Texas Instruments AFE4404 Datasheet HTML 81Page - Texas Instruments AFE4404 Datasheet HTML 82Page - Texas Instruments AFE4404 Datasheet HTML 83Page - Texas Instruments AFE4404 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
)
0.23
(0.5) TYP
(0.5) TYP
(
)
METAL
0.23
0.05 MAX
SOLDER MASK
OPENING
METAL
UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.23
0.05 MIN
4221665/A 09/2014
DSBGA - 0.5 mm max height
YZP0015
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SBVA017 (www.ti.com/lit/sbva017).
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
1
2
A
B
C
3
D
E
NON-SOLDER MASK
DEFINED
(PREFERRED)
NOT TO SCALE
SOLDER MASK DETAILS
SOLDER MASK
DEFINED
EXAMPLE BOARD LAYOUT
15X (
80
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Figure 100. Example Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com