Electronic Components Datasheet Search
  English  ▼

X  

322 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 322
Description  12mm Diffused Thin Digital RGB LED Pixels (Strand of 25) - WS2801
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

322 Datasheet(HTML) 1 Page - Adafruit Industries

  322 Datasheet HTML 1Page - Adafruit Industries 322 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12mm Diffused Thin Digital RGB LED Pixels
(Strand of 25) - WS2801
PRODUT ID: 322
 
Description
RGB Pixels are digitally-controllable lights you can set to any color, or animate. Each RGB LED and
controller chip is molded into a 'dot' of silicone. The dots are weatherproof and rugged. There are four
flanges molded in so that you can 'push' them into a 12mm drill hole in any material up to 1.5mm/0.06"
thick. They're typically used to make outdoor signs. We also have flat-backed pixels that are essentially the
same, but are not as long and thin.
The pixels are connected by a 4-conductor cable. +5V (Red), Ground (Blue), Data (Yellow) and Clock
(Green). Data is shifted down from one pixel to the next so that you can easily cut the strand or attach more
onto the end. Each dot is digitally controlled, with an internal 8-bit PWM LED driver (24-bit color for 16
million different shades). The pixels must be clocked by a microcontroller, we have an example code
linked below that works on an Arduino, it should be simple to adapt it to any other microcontroller.


Similar Part No. - 322

ManufacturerPart #DatasheetDescription
logo
Littelfuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
322/332 Series Lead-free 3AB, Very Fast-acting Fuse
logo
EDAC, All Rights Reserv...
322 EDAC-322 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
logo
France Joint
322 FRANCEJOINT-322 Datasheet
351Kb / 3P
ROD SEALS
logo
Littelfuse
322 LITTELFUSE-322 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Marathon Special Produc...
322 MARATHON-322 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
More results

Similar Description - 322

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRS25N ETC1-LEDRS25N Datasheet
41Kb / 2P
LED Highly-Diffused Light (25 mm)
logo
LUMEX INC.
SML-LX4747MWC-TR10 LUMEX-SML-LX4747MWC-TR10 Datasheet
355Kb / 4P
12mm x 12mm SURFACE MOUNT LED, WARM WHITE
SML-LX4747UWC-TR10 LUMEX-SML-LX4747UWC-TR10 Datasheet
356Kb / 4P
12mm x 12mm SURFACE MOUNT LED, COOL WHITE
SML-LX4747MWCATR10 LUMEX-SML-LX4747MWCATR10 Datasheet
374Kb / 4P
12mm x 12mm SRFACE MOUNT LED. WARM WHITE
SML-LX4747NWCATR10 LUMEX-SML-LX4747NWCATR10 Datasheet
379Kb / 4P
12mm x 12mm SURFACE MOUNT LED, NEuTRAL WHITE
SML-LX4747NWC-TR10 LUMEX-SML-LX4747NWC-TR10 Datasheet
355Kb / 4P
12mm x 12mm SURFACE MOUNT LED, NEUTRAL WHITE
SML-LX4747UWCATR10 LUMEX-SML-LX4747UWCATR10 Datasheet
379Kb / 4P
12mm x 12mm SURFACE MOUNT LED, COOL WHITE
SML-LXFP0603UWW-TR LUMEX-SML-LXFP0603UWW-TR Datasheet
89Kb / 2P
0.8x1.6mm ULTRA THIN SMT LED, WHITE, DIFFUSED LENS
logo
Banner Engineering Corp...
LEDWO25N BANNER-LEDWO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
logo
Broadcom Corporation.
APDS-9253-001 BOARDCOM-APDS-9253-001 Datasheet
794Kb / 28P
Digital RGB Sensor
March 12, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com