Electronic Components Datasheet Search
  English  ▼

X  

322 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 322
Description  12mm Diffused Thin Digital RGB LED Pixels (Strand of 25) - WS2801
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

322 Datasheet(HTML) 2 Page - Adafruit Industries

  322 Datasheet HTML 1Page - Adafruit Industries 322 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The pixels use 8mm diffused RGB LEDs, with a 120 degree beam width. The total max brightness of all
LEDs is about 1600mcd but with the light more evenly distributed & mixed than a clear LED. (Please note:
mcd ratings of LEDs are notoriously inflated by most LED sellers, so be extra-skeptical when reviewing
LED ratings!)
Sold by the strand, each strand has 25 pixels in series! Each strand has two JST SM 4-pin connectors so
you can connect multiple strands in a row, as many as you wish, just watch for how much current they
want. We now have LED pixel strands with the power wires (red & blue) spliced out so its really easy to
connect 5VDC in using a 2.1mm jack terminal adapter. We have a 5V/2A supply that should be able to
drive 2 or more strands and a 5V/10A supply that can drive up to 160 LEDs all lit up at once
If you want to connect to the strand (to wire it to power and a microcontroller), you could cut and solder to
the wires, but better yet just grab a 4-JST cable set - then check the LED modules to see which way is the
input (there's arrows showing the data direction)
You can drive these with an Arduino using any two microcontroller digital pins, check this library which
also has example code to demonstrate the strands and be sure to read our very detailed tutorial on
usage! https://github.com/adafruit/Adafruit-WS2801-Library http://www.ladyada.net/products/rgbledpixel/
Technical Details
o
12mm diameter (0.45") 38mm deep (1.5")
o
80mm / 3" apart on the strand
o
25 pieces per strand
o
New! These pixels use a WS2801 chip for full 24 bit color
o
5V power, 60mA maximum per pixel (LED on full white)
o
2-pin SPI-like protocol
o
WS2801 Datasheet for the chip inside each pixel https://cdn-shop.adafruit.com/datasheets/WS2801.pdf
o
Brightness: Red = 3.3 Lumens/300 mcd, Green = 10 Lumens/1000 mcd, Blue = 2.7 Lumens/300
mcd (mcd calculation based on full 120 degree beam)
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/322 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com