Electronic Components Datasheet Search
  English  ▼

X  

445 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 445
Description  Red Electroluminescent (EL) Tape Strip - 100cm w/two connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

445 Datasheet(HTML) 3 Page - Adafruit Industries

  445 Datasheet HTML 1Page - Adafruit Industries 445 Datasheet HTML 2Page - Adafruit Industries 445 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Details
Size: 100 cm x 1.5 cm about 1mm thick
Panel lifetime: >25000 hours
Operating voltage: 60-250VAC
Operating Frequency: 50-5000HZ
Current Draw: 0.14mA/cm2 (max) @ 110V / 400Hz
Initial Brightness: 32 cd/m2
Operating Temperature: -50 C / 65 C
~10 nF per meter
It is very difficult to reattach connectors to EL tape once its been cut, but here is a tutorial that
shows how it can be done



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com