Electronic Components Datasheet Search
  English  ▼

X  

445 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 445
Description  Red Electroluminescent (EL) Tape Strip - 100cm w/two connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

445 Datasheet(HTML) 1 Page - Adafruit Industries

  445 Datasheet HTML 1Page - Adafruit Industries 445 Datasheet HTML 2Page - Adafruit Industries 445 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EL WIRE/TAPE/PANEL / EL TAPE
Red Electroluminescent (EL) Tape Strip -
100cm w/two connectors
PRODUCT ID: 445


Similar Part No. - 445

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
445 01 WIHA-445 01 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
445 02 WIHA-445 02 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
445 03 WIHA-445 03 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
445 04 WIHA-445 04 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
445 05 WIHA-445 05 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
More results

Similar Description - 445

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
Texas Instruments
SN65551 TI-SN65551 Datasheet
104Kb / 8P
ELECTROLUMINESCENT ROW DRIVERS
SN65553 TI-SN65553 Datasheet
100Kb / 7P
ELECTROLUMINESCENT COLUMIN DRIVERS
SN65555 TI-SN65555 Datasheet
212Kb / 9P
ELECTROLUMINESCENT COLUMIN DRIVERS
SN65557 TI-SN65557 Datasheet
76Kb / 8P
ELECTROLUMINESCENT ROW DRIVERS
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
LUMEX INC.
SML-LX5050SIC-TR LUMEX-SML-LX5050SIC-TR Datasheet
100Kb / 2P
5.0x5.0mm SML W/REFLECTOR, 636nm RED, WATER CLEAR, TAPE & REEL
logo
3M Electronics
694 3M-694 Datasheet
563Kb / 6P
3M??Scotch짰 Red Cellophane Tape
660 3M-660 Datasheet
574Kb / 6P
3M??Scotch짰 Red Cellophane Tape 660
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com