Electronic Components Datasheet Search
  English  ▼

X  

683 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 683
Description  36mm Square 12V Digital RGB LED Pixels (Strand of 20) - WS2801
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

683 Datasheet(HTML) 1 Page - Adafruit Industries

  683 Datasheet HTML 1Page - Adafruit Industries 683 Datasheet HTML 2Page - Adafruit Industries 683 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 
 
 
36mm Square 12V Digital RGB LED Pixels
(Strand of 20) - WS2801
PRODUCT ID: 683
RGB Pixels are digitally-controllable lights you can set to any color, or animate.
Each metal 'pixel square' contains 4 RGB LEDs and a controller chip soldered to
a PCB. The pixel is then 'flooded' with epoxy to make it water resistant, however
we cannot say 100% waterproof you may need to apply additional epoxy for
some applications/needs/use. These are fairly large pixels but they have a lot of
nice mounting options, such as two metal flanges on the side and a 0.15"/4mm
diameter hole in the middle so you can screw them directly onto a surface.
They're typically used to make outdoor signs. Compared to our other LED dots,
these are much bigger and much brighter, good for larger scale installations.
The pixels are connected by a 4-conductor cable. +12VDC, ground, data and
clock. Data is shifted down from one pixel to the next so that you can easily cut
the strand or attach more onto the end.


Similar Part No. - 683

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
683 GILWAY-683 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
English Chain Co. Ltd
683 05 ENGLISHCHAIN-683 05 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
683 06 ENGLISHCHAIN-683 06 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
683 08 ENGLISHCHAIN-683 08 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
683 10 ENGLISHCHAIN-683 10 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results

Similar Description - 683

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1347 ETC-M1347 Datasheet
150Kb / 2P
RGB LED IC
QBLP677-RGB3 ETC2-QBLP677-RGB3 Datasheet
368Kb / 8P
PLCC4 RGB LED
QBLP679E-RGB ETC2-QBLP679E-RGB Datasheet
510Kb / 10P
PLCC6 RGB LED
QBLP679-RGB3 ETC2-QBLP679-RGB3 Datasheet
383Kb / 8P
PLCC6 RGB LED
QBLP677-RGB ETC1-QBLP677-RGB Datasheet
585Kb / 10P
PLCC4 RGB LED
logo
Inolux Corporation
IN-B101FCH INOLUX-IN-B101FCH Datasheet
1Mb / 16P
RGB Chip LED
logo
WORLDSEMI CO., LIMITED
WS-5050RGB WORLDSEMI-WS-5050RGB Datasheet
299Kb / 5P
RGB SMD LED
logo
SparkFun Electronics
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
logo
Broadcom Corporation.
APDS-9253-001 BOARDCOM-APDS-9253-001 Datasheet
794Kb / 28P
Digital RGB Sensor
March 12, 2019
logo
MOSDESIGN SEMICONDUCTOR...
M1349 MOSDESIGN-M1349 Datasheet
27Kb / 2P
RGB LED IC
2005-06-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com